Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
Table 2. Recommended Isolation Transformers Optimized for SN6501
Turns
V x T
Isolation
Dimensions
Application
LDO
Figures
Order No.
Manufacturer
Ratio
(V
μs)
(VRMS)
(mm)
Figure 3
1:1.1
11
2500
6.73 x 7.14 x 4.06
5V
→ 5V
No
760390012
Figure 4
Figure 5
1:1.1
7
2500
6.73 x 7.14 x 4.06
3.3V
→ 3.3V
No
760390011
Figure 6
Figure 7
1:1.7
11
2500
6.73 x 7.14 x 4.06
3.3V
→ 5V
No
760390013
Figure 8
Wurth Electronics
Midcom
Figure 9
5V
→ 5V
Figure 10
1:1.3
11
2500
6.73 x 7.14 x 4.06
Yes
760390014
3.3V
→ 3.3V
Figure 11
Figure 12
Figure 13
1:2.0
11
2500
6.73 x 7.14 x 4.06
3.3V
→ 5V
Yes
760390015
Figure 14
Other isolation transformers that have been tested with SN6501 are listed in Table 3.
Table 3. Standard Isolation Transformers Tested With SN6501
Turns
V x T
Isolation
Dimensions
Application
LDO
Figures
Order No.
Manufacturer
Ratio
(V
μs)
(V)(1)
(mm)
Figure 15
5V
→ 5V
Figure 16
1:1.5
11
2500
10 x 12.07 x 5.97
Yes
750310999
Wurth
3.3V
→ 3.3V
Figure 17
Electronics
Figure 18
Midcom
Figure 19
1:2.2
11
2500
10 x 12.07 x 5.97
3.3V
→ 5V
Yes
750310995
Figure 20
Figure 21
5V
→ 5V
Figure 22
1:1.5
34.4
2500
10 x 12.7 x 5.97
Yes
DA2303-AL
3.3V
→ 3.3V
Figure 23
Figure 24
Coilcraft
Figure 25
1:2.2
21.5
2500
10 x 12.7 x 5.97
3.3V
→ 5V
Yes
DA2304-AL
Figure 26
Figure 27
1:2.0
10.2
2500
10 x 12.7 x 5.97
3.3V
→ 5V
Yes
MA5632-AL
Figure 28
Figure 29
5V
→ 5V
Figure 30
1:1.31
50
1500
9 x 12.7 x 6.35
Yes
78253/55MC
3.3V
→ 3.3V
Figure 31
Figure 32
Figure 33
1:2.27
35
1500
9 x 12.7 x 6.35
3.3V
→ 5V
Yes
78253/35MC
Murata
Figure 34
Figure 35
5V
→ 5V
Figure 36
1:1.33
50
6000
15 x 15.0 x 12.5
Yes
76253/55ENC
3.3V
→ 3.3V
Figure 37
Figure 38
(1)
Wurth Electronics Midcom and Coilcraft Transformer Isolation ratings are specified in VRMS while Murata Transformers ratings are given
in VDC.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com