Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments SN6501DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
n
VIN
V
OUT = 4n·VIN
n
VIN
VOUT+ = 2n·VIN
VOUT- = 2n·VIN
n
V
IN
VOUT+ = n·VIN
VOUT- = n·VIN
n
V
IN
V
OUT = 2n·VIN
SN6501
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
www.ti.com
HIGHER OUTPUT VOLTAGE DESIGNS
The SN6501 can drive push-pull converters that provide high output voltages of up to 30 V, or bipolar outputs of
up to ±15 V. Using commercially available center-tapped transformers, with their rather low turns ratios of 0.8 to
5, requires different rectifier topologies to achieve high output voltages. Figure 53 to Figure 56 show some of
these topologies together with their respective open-circuit output voltages.
Figure 53. Bridge Rectifier with Center-Tapped
Figure 54. Bridge Rectifier Without Center-Tapped
Secondary Enables Bipolar Outputs
Secondary Performs Voltage Doubling
Figure 55. Half-wave Rectifier Without Center-
Figure 56. Half-wave Rectifier Without Centered
tapped Secondary Performs Voltage Doubling,
Ground and Center-tapped Secondary Performs
Centered Ground provides Bipolar Outputs
Voltage Doubling Twice, Hence Quadrupling VIN
APPLICATION CIRCUITS
The following application circuits are shown for a 3.3 V input supply commonly taken from the local, regulated
micro-controller supply. For 5 V input voltages requiring different turn ratios refer to the transformer
manufacturers and their websites listed in Table 4.
Table 4. Transformer Manufacturers
Coilcraft Inc.
http://www.coilcraft.com
Halo-Electronics Inc.
http://www.haloelectronics.com
Murata Power Solutions
http://www.murata-ps.com
Wurth Electronics Midcom Inc
http://www.midcom-inc.com
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com