Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 34 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 34 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 30Page - Microchip Technology ANSA0 Datasheet HTML 31Page - Microchip Technology ANSA0 Datasheet HTML 32Page - Microchip Technology ANSA0 Datasheet HTML 33Page - Microchip Technology ANSA0 Datasheet HTML 34Page - Microchip Technology ANSA0 Datasheet HTML 35Page - Microchip Technology ANSA0 Datasheet HTML 36Page - Microchip Technology ANSA0 Datasheet HTML 37Page - Microchip Technology ANSA0 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 34
 2010-2012 Microchip Technology Inc.
Bank 1
080h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
081h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
082h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
083h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
084h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
085h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
086h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
087h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
088h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
089h(2)
WREG
Working Register
0000 0000 uuuu uuuu
08Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
08Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
08Ch
TRISA
PORTA Data Direction Register
1111 1111 1111 1111
08Dh
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
08Eh
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
08Fh
TRISD
PORTD Data Direction Register
1111 1111 1111 1111
090h
TRISE
PORTE Data Direction Register
1111 1111 1111 1111
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE 0000 0000 0000 0000
092h
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE
0000 0000 0000 0000
093h
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
-000 0-0- -000 0-0-
094h
PIE4
—
—
RC2IE
TX2IE
—
—
BCL2IE
SSP2IE
--00 --00 --00 --00
095h
OPTION_REG WPUEN
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111 1111 1111
096h
PCON
STKOVF
STKUNF
—
—RMCLR
RI
POR
BOR
00-- 11qq qq-- qquu
097h
WDTCON
—
—
WDTPS<4:0>
SWDTEN --01 0110 --01 0110
098h
OSCTUNE
—
—TUN<5:0>
--00 0000 --00 0000
099h
OSCCON
SPLLEN
IRCF<3:0>
—SCS<1:0>
0011 1-00 0011 1-00
09Ah
OSCSTAT
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS 00q0 0q0- qqqq qq0-
09Bh
ADRESL
A/D Result Register Low
xxxx xxxx uuuu uuuu
09Ch
ADRESH
A/D Result Register High
xxxx xxxx uuuu uuuu
09Dh
ADCON0
—
CHS<4:0>
GO/DONE
ADON
-000 0000 -000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF1 ADPREF0 0000 -000 0000 -000
09Fh
—
Unimplemented
—
—
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com