Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 42 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 42 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 38Page - Microchip Technology ANSA0 Datasheet HTML 39Page - Microchip Technology ANSA0 Datasheet HTML 40Page - Microchip Technology ANSA0 Datasheet HTML 41Page - Microchip Technology ANSA0 Datasheet HTML 42Page - Microchip Technology ANSA0 Datasheet HTML 43Page - Microchip Technology ANSA0 Datasheet HTML 44Page - Microchip Technology ANSA0 Datasheet HTML 45Page - Microchip Technology ANSA0 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 42
 2010-2012 Microchip Technology Inc.
Bank 9
480h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
481h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
482h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
483h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
404h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
485h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
486h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
487h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
488h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
489h(2)
WREG
Working Register
0000 0000 uuuu uuuu
48Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
48Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
48Ch
—
Unimplemented
—
—
48Dh
WPUG
—
—WPUG5
—
—
—
—
—
--1- ---- --1- ----
48Eh
—
Unimplemented
—
—
48Fh
—
Unimplemented
—
—
490h
—
Unimplemented
—
—
491h
RC2REG
USART Receive Data Register
0000 0000 0000 0000
492h
TX2REG
USART Transmit Data Register
0000 0000 0000 0000
493h
SP2BRGL
EUSART2 Baud Rate Generator, Low Byte
0000 0000 0000 0000
494h
SP2BRGH
EUSART2 Baud Rate Generator, High Byte
0000 0000 0000 0000
495h
RC2STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
496h
TX2STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
497h
BAUD2CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
498h
—
Unimplemented
—
—
499h
—
Unimplemented
—
—
49Ah
—
Unimplemented
—
—
49Bh
—
Unimplemented
—
—
49Ch
—
Unimplemented
—
—
49Dh
—
Unimplemented
—
—
49Eh
—
Unimplemented
—
—
49Fh
—
Unimplemented
—
—
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com