Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 36 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 36 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 32Page - Microchip Technology ANSA0 Datasheet HTML 33Page - Microchip Technology ANSA0 Datasheet HTML 34Page - Microchip Technology ANSA0 Datasheet HTML 35Page - Microchip Technology ANSA0 Datasheet HTML 36Page - Microchip Technology ANSA0 Datasheet HTML 37Page - Microchip Technology ANSA0 Datasheet HTML 38Page - Microchip Technology ANSA0 Datasheet HTML 39Page - Microchip Technology ANSA0 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 36
 2010-2012 Microchip Technology Inc.
Bank 3
180h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
181h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
182h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
183h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
184h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
185h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
186h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
187h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
188h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
189h(2)
WREG
Working Register
0000 0000 uuuu uuuu
18Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
18Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
18Ch
ANSELA
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
--1- 1111 --1- 1111
18Dh
—
Unimplemented
—
—
18Eh
—
Unimplemented
—
—
18Fh
—
Unimplemented
—
—
190h
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111 ---- -111
191h
EEADRL
EEPROM / Program Memory Address Register Low Byte
0000 0000 0000 0000
192h
EEADRH
—(3)
EEPROM / Program Memory Address Register High Byte
1000 0000 1000 0000
193h
EEDATL
EEPROM / Program Memory Read Data Register Low Byte
xxxx xxxx uuuu uuuu
194h
EEDATH
—
—
EEPROM / Program Memory Read Data Register High Byte
--xx xxxx --uu uuuu
195h
EECON1
EEPGD
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
0000 x000 0000 q000
196h
EECON2
EEPROM control register 2
0000 0000 0000 0000
197h
—
Unimplemented
—
—
198h
—
Unimplemented
—
—
199h
RC1REG
USART Receive Data Register
0000 0000 0000 0000
19Ah
TX1REG
USART Transmit Data Register
0000 0000 0000 0000
19Bh
SP1BRGL
EUSART1 Baud Rate Generator, Low Byte
0000 0000 0000 0000
19Ch
SP1BRGH
EUSART1 Baud Rate Generator, High Byte
0000 0000 0000 0000
19Dh
RC1STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
19Eh
TX1STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
19Fh
BAUD1CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00 01-0 0-00
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com