Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 85 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 85 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 81Page - Microchip Technology ANSA0 Datasheet HTML 82Page - Microchip Technology ANSA0 Datasheet HTML 83Page - Microchip Technology ANSA0 Datasheet HTML 84Page - Microchip Technology ANSA0 Datasheet HTML 85Page - Microchip Technology ANSA0 Datasheet HTML 86Page - Microchip Technology ANSA0 Datasheet HTML 87Page - Microchip Technology ANSA0 Datasheet HTML 88Page - Microchip Technology ANSA0 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 85
PIC16(L)F1946/47
6.12
Power Control (PCON) Register
The Power Control (PCON) register contains flag bits
to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Reset Instruction Reset (RI)
• Stack Overflow Reset (STKOVF)
• Stack Underflow Reset (STKUNF)
•MCLR Reset (RMCLR)
The PCON register bits are shown in Register 6-2.
6.13
Register Definitions: Power Control
REGISTER 6-2:
PCON: POWER CONTROL REGISTER
R/W/HS-0/q
R/W/HS-0/q
U-0
U-0
R/W/HC-1/q
R/W/HC-1/q
R/W/HC-q/u R/W/HC-q/u
STKOVF
STKUNF
—
—
RMCLR
RI
POR
BOR
bit 7
bit 0
Legend:
HC = Bit is cleared by hardware
HS = Bit is set by hardware
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-m/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
STKOVF: Stack Overflow Flag bit
1 = A Stack Overflow occurred
0 = A Stack Overflow has not occurred or set to ‘0’ by firmware
bit 6
STKUNF: Stack Underflow Flag bit
1 = A Stack Underflow occurred
0 = A Stack Underflow has not occurred or set to ‘0’ by firmware
bit 5-4
Unimplemented: Read as ‘0’
bit 3
RMCLR: MCLR Reset Flag bit
1 = A MCLR Reset has not occurred or set to ‘1’ by firmware
0 = A MCLR Reset has occurred (set to ‘0’ in hardware when a MCLR Reset occurs)
bit 2
RI: RESET Instruction Flag bit
1 = A RESET instruction has not been executed or set to ‘1’ by firmware
0 = A RESET instruction has been executed (set to ‘0’ in hardware upon executing a RESET instruction)
bit 1
POR: Power-on Reset Status bit
1 = No Power-on Reset occurred
0 = A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1 = No Brown-out Reset occurred
0 = A Brown-out Reset occurred (must be set in software after a Power-on Reset or Brown-out Reset
occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com