Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 55 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 55 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 51Page - Microchip Technology ANSA0 Datasheet HTML 52Page - Microchip Technology ANSA0 Datasheet HTML 53Page - Microchip Technology ANSA0 Datasheet HTML 54Page - Microchip Technology ANSA0 Datasheet HTML 55Page - Microchip Technology ANSA0 Datasheet HTML 56Page - Microchip Technology ANSA0 Datasheet HTML 57Page - Microchip Technology ANSA0 Datasheet HTML 58Page - Microchip Technology ANSA0 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 55
PIC16(L)F1946/1947
4.0
DEVICE CONFIGURATION
Device Configuration consists of Configuration Words,
Code Protection and Device ID.
4.1
Configuration Words
There are several Configuration Word bits that allow
different oscillator and memory protection options.
These are implemented as Configuration Word 1 at
8007h and Configuration Word 2 at 8008h.
Note:
The DEBUG bit in Configuration Word 2 is
managed
automatically
by
device
development tools including debuggers
and programmers. For normal device
operation, this bit should be maintained as
a '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com