Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 41 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 41 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 37Page - Microchip Technology ANSA0 Datasheet HTML 38Page - Microchip Technology ANSA0 Datasheet HTML 39Page - Microchip Technology ANSA0 Datasheet HTML 40Page - Microchip Technology ANSA0 Datasheet HTML 41Page - Microchip Technology ANSA0 Datasheet HTML 42Page - Microchip Technology ANSA0 Datasheet HTML 43Page - Microchip Technology ANSA0 Datasheet HTML 44Page - Microchip Technology ANSA0 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 41
PIC16(L)F1946/1947
Bank 8
400h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
401h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
402h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
403h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
404h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
405h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
406h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
407h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
408h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
409h(2)
WREG
Working Register
0000 0000 uuuu uuuu
40Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
40Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
40Ch
ANSELF
ANSELF7
ANSELF6
ANSELF5
ANSELF4
ANSELF3
ANSELF2 ANSELF1 ANSELF0 1111 1111 1111 1111
40Dh
ANSELG
—
—
—
ANSELG4
ANSELG3
ANSELG2 ANSELG1
—
---1 111- ---1 111-
40Eh
—
Unimplemented
—
—
40Fh
—
Unimplemented
—
—
410h
—
Unimplemented
—
—
411h
—
Unimplemented
—
—
412h
—
Unimplemented
—
—
413h
—
Unimplemented
—
—
414h
—
Unimplemented
—
—
415h
TMR4
Timer 4 Module Register
0000 0000 0000 0000
416h
PR4
Timer 4 Period Register
1111 1111 1111 1111
417h
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
-000 0000 -000 0000
418h
—
Unimplemented
—
—
419h
—
Unimplemented
—
—
41Ah
—
Unimplemented
—
—
41Bh
—
Unimplemented
—
—
41Ch
TMR6
Timer 6 Module Register
0000 0000 0000 0000
41Dh
PR6
Timer 6 Period Register
1111 1111 1111 1111
41Eh
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
-000 0000 -000 0000
41Fh
—
Unimplemented
—
—
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com