Electronic Components Datasheet Search
  English  ▼

X  

ANSA0 Datasheet(PDF) 37 Page - Microchip Technology

Part # ANSA0
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSA0 Datasheet(HTML) 37 Page - Microchip Technology

Back Button ANSA0 Datasheet HTML 33Page - Microchip Technology ANSA0 Datasheet HTML 34Page - Microchip Technology ANSA0 Datasheet HTML 35Page - Microchip Technology ANSA0 Datasheet HTML 36Page - Microchip Technology ANSA0 Datasheet HTML 37Page - Microchip Technology ANSA0 Datasheet HTML 38Page - Microchip Technology ANSA0 Datasheet HTML 39Page - Microchip Technology ANSA0 Datasheet HTML 40Page - Microchip Technology ANSA0 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 37
PIC16(L)F1946/1947
Bank 4
200h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
201h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
202h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
203h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
204h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
205h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
206h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
207h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
208h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
209h(2)
WREG
Working Register
0000 0000 uuuu uuuu
20Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
20Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
20Ch
—
Unimplemented
—
—
20Dh
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111 1111 1111
20Eh
—
Unimplemented
—
—
20Fh
—
Unimplemented
—
—
210h
—
Unimplemented
—
—
211h
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
212h
SSP1ADD
ADD<7:0>
0000 0000 0000 0000
213h
SSP1MSK
MSK<7:0>
1111 1111 1111 1111
214h
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
215h
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
216h
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
217h
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
218h
—
Unimplemented
—
—
219h
SSP2BUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx uuuu uuuu
21Ah
SSP2ADD
ADD<7:0>
0000 0000 0000 0000
21Bh
SSP2MSK
MSK<7:0>
1111 1111 1111 1111
21Ch
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000 0000 0000
21Dh
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
0000 0000 0000 0000
21Eh
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000 0000 0000
21Fh
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000 0000 0000
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com