Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 15 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 15 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 11Page - Intel Corporation NQ80331M667 Datasheet HTML 12Page - Intel Corporation NQ80331M667 Datasheet HTML 13Page - Intel Corporation NQ80331M667 Datasheet HTML 14Page - Intel Corporation NQ80331M667 Datasheet HTML 15Page - Intel Corporation NQ80331M667 Datasheet HTML 16Page - Intel Corporation NQ80331M667 Datasheet HTML 17Page - Intel Corporation NQ80331M667 Datasheet HTML 18Page - Intel Corporation NQ80331M667 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Specification Update
15
Intel® 80331 I/O Processor
Summary Table of Changes
Specification Clarifications
No.
Steppings
Page
Status
Specification Clarifications
A-1
B-0
C-x
D-0
D-1
1
XXXX
X
51
No Fix
64 MB and 2 GB DDR333 capacities not to be tested in post-silicon
validation
2
XXXX
X
51
No Fix
DDR-II 400 Unbuffered DIMMs are not supported
3
XXXX
X
51
No Fix
Interrupt behavior in the 80331 no bridge mode
4
XXXX
X
51
No Fix
Memory map for 2 GByte of DDR memory
5
XXXX
X
51
No Fix
Back to back MCU MMR reads
6
XXXX
X
52
No Fix
Write requirements for the Peripheral Bus Interface
7
XXXX
X
52
No Fix
PCI-X Status Register during PCI mode
8
XXXX
X
52
No Fix
M_RST# driven to DDR-II or DDR-I voltage levels
9
XXXX
X
52
No Fix
BIU master abort causes two interrupts on reads.
10
XXXX
X
53
No Fix
Reset Internal Bus (PCSR.5) usage
11
XXXX
X
53
No Fix
No Bridge Mode (BRG_EN) validation
12
XXXX
X
53
No Fix
Potential race condition with Interrupt Controller Unit status bits
13
XXXX
X
54
No Fix
Bus Interface Unit follows PCI ordering rules
14
XXXX
X
55
No Fix
UART, I2C and GPIO memory mapped registers should be
addressed with 32-bit accesses
15
XXXX
X
55
No Fix
Flash Wait States
16
XXXX
X
55
No Fix
UART Interrupt Identification Register
17
XXXX
X
55
No Fix
Reads on 16-bit PBI bus operate as 32-bit
18
XXXX
X
56
No Fix
Embedded Design Usage Model - Secondary PCI bus only
19
XXXX
X
56
No Fix
3.3 V to 1.5 V leakage
20
XXXX
X
56
No Fix
Accessing “reserved” registers in “no bridge” mode
21
XXXX
X
56
No Fix
Power plane isolation for Battery Back-Up (BBU) mode
22
XXXX
X
57
No Fix
AAU result can be written directly to PCI host memory
23
XXXX
X
57
No Fix
PWRDELAY functionality during power sequencing
24
XXXX
X
57
No Fix
PBI lockout condition
25
XX
57
No Fix
Interleaving descriptors with D-0 AAU
26
XXXX
X
58
No Fix
RCVDLY setting for DDR-I memory
27
XXXX
X
58
No Fix
ATUBAR3 Functionality
28
XXXX
X
58
No Fix
VREF isolation for Battery Back-up (BBU) mode
29
XXXX
X
58
No Fix
I2C Unit Enabling
30
XXXX
X
59
No Fix
DMA transactions from local memory to a conventional PCI target
can complete out of order
31
XXXX
X
59
No Fix
SBR1 Programming with Bank 1 Unpopulated
32
XXXX
X
59
No Fix
32-bit Writes to Unaligned 64-bit Addresses are Promoted to 64-bit
Aligned Writes
33
XXXX
60
Fixed
Case Temperature Clarification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com