| Electronic Components Datasheet Search |
|
NQ80331M667 Datasheet(PDF) 53 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NQ80331M667 Datasheet(HTML) 53 Page - Intel Corporation |
|
53 / 67 page ![]() Specification Update 53 Intel® 80331 I/O Processor Specification Clarifications 10. Reset Internal Bus (PCSR.5) usage Issue: PCI bus data corruption can occur when the reset internal bus bit is not used correctly. PCSR.5 can be used to reset the internal bus. This resets all memory mapped registers and the ATU configuration header space. This bit is read/write capable from both the internal bus and PCI bus. For both PCI and PCI-X modes, make sure the following steps occur when setting PCSR.5: 1. Clear Bus Master (ATUCMD.2) Enable and Memory Enable (ATUCMD.1). 2. Wait for both the outbound (PCSR.15) and inbound (PCSR.14) read transaction queue busy bits to clear. 3. Make sure no PCI configuration read/write cycles targeting the ATU are in progress, except the reset configuration write, when applicable. 4. Set the Reset Internal Bus bit. 5. Wait for 40 PCI clocks. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 11. No Bridge Mode (BRG_EN) validation Issue: The BRG_EN signal (0 = no bridge, muxed on AD[0]) is used to disable the internal bridge, in order to operate as an I/O processor with a single PCI-X interface. This feature is not to be validated until after PTQ (prototype qualification). Note: When central resource functionality is required, then the 80331 needs to be used with the bridge enabled. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 12. Potential race condition with Interrupt Controller Unit status bits Issue: There is a slight lag in the time it takes between clearing a status bit inside the unit and the corresponding bit in the Interrupt Controller Unit Status Register getting cleared. This has the potential of generating a false interrupt, meaning that the Intel XScale® core is interrupted but the handler is not able to find any source reported in the ICU registers. This condition can be avoided by adding a read from any ICU register after the bit is cleared in the local unit before returning from the interrupt handler. The data from this read can be ignored, but the read itself creates enough latency to allow the updated status to propagate to the ICU Status: No Fix. See the Table , “Summary Table of Changes” on page 9. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |