Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 45 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 45 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 41Page - Intel Corporation NQ80331M667 Datasheet HTML 42Page - Intel Corporation NQ80331M667 Datasheet HTML 43Page - Intel Corporation NQ80331M667 Datasheet HTML 44Page - Intel Corporation NQ80331M667 Datasheet HTML 45Page - Intel Corporation NQ80331M667 Datasheet HTML 46Page - Intel Corporation NQ80331M667 Datasheet HTML 47Page - Intel Corporation NQ80331M667 Datasheet HTML 48Page - Intel Corporation NQ80331M667 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Specification Update
45
Intel® 80331 I/O Processor
Core Errata
5.
Accesses to the CP15 ID register with opcode2 > 0b001 returns
unpredictable values
Problem:
The ARM Architecture Reference Manual (ARM DDI 0100E) states the following in chapter B-2,
section 2.3:
When an <opcode2> value corresponding to an unimplemented or reserved ID register is
encountered, the System Control processor returns the value of the main ID register. ID registers
other than the main ID register are defined so that when implemented, their value cannot be equal
to that of the main ID register. Software can therefore determine whether they exist by reading both
the main ID register and the desired register and comparing their values. When the two values are
not equal, the desired register exists.
The Intel XScale® core does not implement any CP15 ID code registers other than the Main ID
register (opcode2 = 0b000) and the Cache Type register (opcode2 = 0b001). When any of the
unimplemented registers are accessed by software (e.g., mrc p15, 0, r3, c15, c15, 2), the value of
the Main ID register was to be returned. Instead, an unpredictable value is returned.
Workaround:
No workaround.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
6.
Disabling and re-enabling the MMU can hang the core or cause it to execute
the wrong code
Problem:
When the MMU is disabled via the CP15 control register (CP15, CR1, opcode_2 = 0, bit 0) after
being enabled, certain timing cases can cause the processor to hang. In addition to this, re-enabling
the MMU after disabling it can cause the processor to fetch and execute code from the wrong
physical address. To avoid these issues, the code sequence below must be used whenever disabling
the MMU or re-enabling it afterwards.
Workaround:
The following code sequence can be used to disable and/or re-enable the MMU safely. The
alignment of the mcr instruction that disables or re-enables the MMU must be controlled carefully,
so that it resides in the first word of an instruction cache line.
@ The following code sequence takes r0 as a parameter. The value of r0 will be
@ written to the CP15 control register to either enable or disable the MMU.
mcr p15, 0, r0, c10, c4, 1 @ unlock I-TLB
mcr p15, 0, r0, c8, c5, 0 @ invalidate I-TLB
mrc p15, 0, r0, c2, c0, 0 @ CPWAIT
mov r0, r0
sub pc, pc, #4
b 1f @ branch to aligned code
.align 5
1:
mcr p15, 0, r0, c1, c0, 0 @ enable/disable MMU, caches
mrc p15, 0, r0, c2, c0, 0 @ CPWAIT
mov r0, r0
sub pc, pc, #4
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com