Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 30 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 30 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 26Page - Intel Corporation NQ80331M667 Datasheet HTML 27Page - Intel Corporation NQ80331M667 Datasheet HTML 28Page - Intel Corporation NQ80331M667 Datasheet HTML 29Page - Intel Corporation NQ80331M667 Datasheet HTML 30Page - Intel Corporation NQ80331M667 Datasheet HTML 31Page - Intel Corporation NQ80331M667 Datasheet HTML 32Page - Intel Corporation NQ80331M667 Datasheet HTML 33Page - Intel Corporation NQ80331M667 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
38.
32-bit region write corrupts ECC immediately after 64-bit Read-Modify-Write
Problem:
ECC can be corrupted when the following scenario occurs:
• All of memory is initialized to 0s
• A 32-bit region is enabled.
• Agent A fills the 64-bit memory region with pattern A.
• Agent A does a DDR write to same 64-bit memory region, causing an Read-Modify-Write
(RMW) at the end of the transfer where pattern A is returned as part of the RMW process.
• Immediately thereafter, Agent B does a DDR write to an open region of 32-bit memory. On
DQ[63:32] data is driven to pattern A. The wrong ECC is generated (where the ECC is that of
DQ[63:0] where pattern A is present at the upper half of the bus).
Implication:
The wrong ECC is generated (where the ECC is that of DQ[63:0] where pattern A is present at the
upper half of the bus).
Workaround:
Turn ECC off or don’t use the 32-bit memory region.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.
39.
Reset straps incorrectly sampled on the secondary reset
Problem:
All reset straps are sampled on the rising edge of P_RST#, except the following: MEMTYPE,
P_BOOT16# and CORE_RST#.
Implication:
When external circuitry is used to dynamically control the reset straps, the timing may cause
incorrect values to be latched.
Workaround:
By default all reset straps have internal pull-ups. When non-default state is required, then an
external 1.5K pull-down resistor should be used. This implementation has no timing requirements.
Otherwise, when external circuitry is used to dynamically control, then make sure the proper level
is provided at the rising edge of S_RST#.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com