Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 56 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 56 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 52Page - Intel Corporation NQ80331M667 Datasheet HTML 53Page - Intel Corporation NQ80331M667 Datasheet HTML 54Page - Intel Corporation NQ80331M667 Datasheet HTML 55Page - Intel Corporation NQ80331M667 Datasheet HTML 56Page - Intel Corporation NQ80331M667 Datasheet HTML 57Page - Intel Corporation NQ80331M667 Datasheet HTML 58Page - Intel Corporation NQ80331M667 Datasheet HTML 59Page - Intel Corporation NQ80331M667 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56
Specification Update
Intel® 80331 I/O Processor
Specification Clarifications
18.
Embedded Design Usage Model - Secondary PCI bus only
Issue:
The 80331, with bridge enabled, can be used in embedded designs that require central resource
functionality. The secondary PCI bus provides clockouts, arbitration and interrupt inputs for up to
four devices. The ATU can generate configuration cycles to all devices on the secondary PCI bus.
In contrast, the primary PCI bus cannot be used in embedded designs, therefore no PCI devices can
be placed on this bus. The primary PCI bus was designed to be driven by a central resource only.
Clockouts, arbitration and interrupt inputs are not provided on the primary PCI bus. When the ATU
generates configuration cycles they are not forwarded from the secondary PCI bus to the primary
PCI bus. Also, the Intel XScale® core cannot write to the bridge configuration registers.
When using the 80331 in embedded designs, keep the bridge enabled (BRG_EN=1) and connect
the primary PCI bus as follows:
1. P_CLK is still required. Clock frequency should be 66 MHz, since external pull-ups need to be
on P_M66EN, P_DEVSEL#, P_STOP# and P_TRDY#. With these signals pulled high, the
80331 is put into conventional PCI mode expecting a 66 MHz input clock. If providing a
33MHz clock is easier/cheaper, then tie P_M66EN low.
2. P_RST# still required from an external reset source.
3. P_RCOMP needs 100
Ω to ground
4. With P_REQ64# tied high, P_AD[63:32], P_PAR64, and P_C/BE[7:4]# have internal pull-ups
5. Put pull-ups (8.2 K to 3.3V) on all other primary PCI signals.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
19.
3.3 V to 1.5 V leakage
Issue:
There is a leakage path from 3.3 V rail to the 1.5 V rail. When the 3.3 V is powered on and the
1.5 V is not, then ~500 mV is seen on the 1.5 V rail. This leakage is expected and does not cause
any long-term reliability issues.
For related issues, see Documentation Change 10 (“Power sequence timing” on page 66) and
Non-Core Errata 50 (“Secondary bus PCI RST# pulse prior to the rising edge of P_RST#” on
page 36).
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
20.
Accessing “reserved” registers in “no bridge” mode
Issue:
In general, accessing “reserved” registers or bit fields must never be done, as these “reserved”
fields might be used for test information or might be implemented in future product revisions.
Specifically, accessing peripheral memory mapped registers at FFFF_F5D0h to FFFF_F5DFh
when in “no bridge” mode, causes the 80331 to hang. Do not access these registers.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
21.
Power plane isolation for Battery Back-Up (BBU) mode
Issue:
During battery back-up (BBU) mode, when the battery powers the DIMM and the VCC25/18
signals (1.8 V or 2.5 V, depending on the memory type being used) on a single power plane, the
battery life is probably reduced, due to leakage.
To attain longer battery life, the DIMM and VCC25/18 power planes must be isolated. The
power-plane isolation can be accomplished by using a FET.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com