Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 29 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 29 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 25Page - Intel Corporation NQ80331M667 Datasheet HTML 26Page - Intel Corporation NQ80331M667 Datasheet HTML 27Page - Intel Corporation NQ80331M667 Datasheet HTML 28Page - Intel Corporation NQ80331M667 Datasheet HTML 29Page - Intel Corporation NQ80331M667 Datasheet HTML 30Page - Intel Corporation NQ80331M667 Datasheet HTML 31Page - Intel Corporation NQ80331M667 Datasheet HTML 32Page - Intel Corporation NQ80331M667 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Specification Update
29
Intel® 80331 I/O Processor
Non-Core Errata
37.
Intel XScale® Core lockup condition
Problem:
The Intel XScale® core fetches code and data through an internal switch called the Bus Interface
Unit (BIU), which manages traffic in two directions; a general path to the Flash and PCI-X
interfaces (as well as internal units) and a private path to DDR memory controller. There is a
boundary condition for returning data, specifically for code fetches from Flash or host memory
colliding with private DDR read data. At the wrong clock alignment, the BIU corrupts the
returning code with the DDR data. This results in arbitrary code returned to the core, resulting in
lockup or other unpredictable core behavior. The following describes one scenario of how this
condition can occur:
• The Intel XScale® core fetches an instruction cache line, which is executed through the
internal bus to the Flash interface unit and out to Flash memory.
• While this is happening, the Intel XScale® core is scrubbing the DDR clean with a series of
data transactions through a second private path, directly to the DDR Memory Controller.
These data transactions are a series of cache line writes to DDR and reads from DDR.
• The original instruction fetch is returned from the Flash interface unit back to the core with the
critical instruction first (critical word first).
• One clock after the instruction cache line is being returned to the Intel XScale® core, one of
the data transactions returns from the DDR memory controller.
• The BIU switches to handle the higher priority DDR return.
• The instruction cache line that was being returned from the Flash interface is only partially
returned to the Intel XScale® core (five of the eight instructions).
• The data cache line from the DDR memory controller is then returned to the Intel XScale®
core in its entirety.
• The Intel XScale® core then starts executing the instructions that were fetched in the cache
line (since the critical instruction was returned first, the core can continue).
• The five instructions that were returned are executed by the Intel XScale® core and the core
then stalls waiting for the sixth, seventh and eighth instruction to be returned from the initial
cache line fill.
• The BIU continues to return any outstanding transactions unaware that the instruction cache
fetch was not fully returned.
Note:
1) The case where this happens is where the core memory port is enabled and there is a cache line
fill (instruction or data) that executes through the internal bus (Flash/PCI/etc., transactions, not
DDR transactions) and any size fetch to DDR through the direct port to DDR memory controller.
The timing has to be such that the cache line fill from the internal bus must beat the DDR return by
1 clock cycle.
2) The scenario given above is just one example of what excites this condition and is by no means
the only scenario that excites this condition.
Implication:
This results in a lockup or other unpredictable core behavior.
Workaround:
For A-x and B-0 silicon the only reliable workaround is for software to turn off the core to the
DDR Memory Controller port, redirecting DDR accesses through the Internal Bus interface with
other transactions. This prevents the core lockup condition but at a cost to performance.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com