Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M667 Datasheet(PDF) 20 Page - Intel Corporation

Part # NQ80331M667
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M667 Datasheet(HTML) 20 Page - Intel Corporation

Back Button NQ80331M667 Datasheet HTML 16Page - Intel Corporation NQ80331M667 Datasheet HTML 17Page - Intel Corporation NQ80331M667 Datasheet HTML 18Page - Intel Corporation NQ80331M667 Datasheet HTML 19Page - Intel Corporation NQ80331M667 Datasheet HTML 20Page - Intel Corporation NQ80331M667 Datasheet HTML 21Page - Intel Corporation NQ80331M667 Datasheet HTML 22Page - Intel Corporation NQ80331M667 Datasheet HTML 23Page - Intel Corporation NQ80331M667 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
5.
Boundary Scan data gets inverted
Problem:
Data driven in during boundary scan gets inverted during the capture phase. During parallel
loading on a pin, an external zero on data in gets inverted to one for data out. This is a violation of
the IEEE 1149.1 Specification.
Implication:
Boundary scan cannot be used with A-1 stepping.
Workaround:
No workaround. Do not use boundary scan.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
6.
BIU interrupt does not occur on Internal Bus Write Master Abort
Issue:
Software developers be aware that an interrupt is not generated when the Bus Interface Unit gets
master aborted on an internal bus write.
Implication:
When left undetected, it could cause data corruption.
Workaround:
The status bit needs to be polled by software.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9
7.
CRC value calculated by DMA unit is not compliant with iSCSI
Problem:
Several issues with the CRC generation engine have caused it to not be compliant with iSCSI in
A-1 step.
Implication:
CRC cannot be used with A-1 stepping.
Workaround:
No workaround.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
8.
ATU Outbound Direct Window overlaps with PBI exception vectors
Problem:
When the PBI exception vectors are enabled (PBCR.3), it claims addresses 00h-3fh. When the
ATU outbound direct window is enabled, it claims addresses 28h-7fffffffh. There is an overlap
between 28h-3fh, where both devices claim the internal bus transaction. For writes, this may not be
an issue, since the only transaction here is a posted write to the ATU. For reads, the PBI handles the
transaction as a single data phase disconnect, and the ATU internally handles it as a split
transaction.
Implication:
The agent which issued the internal bus transaction does not claim the returning data, since the
transaction has been completed by the PBI. This causes the data from PCI to not be returned to the
issuing internal bus agent.
Workaround:
Consider address range of 28h-3Fh reserved.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
9.
S_REQ64# Initialization Pattern Timing Violation in PCI-33 Mode
Problem:
The PCI Local Bus Specification, Revision 2.3 states RST# to REQ64# Hold time is 0 ns minimum
and 50 ns maximum. The 80331 drives the REQ64# signal for three cycles after RST# deasserts.
Therefore, in PCI-33 mode, this is 90 ns, which violates the 50 ns maximum.
All other PCI and PCI-X modes are within the specification (i.e., PCI-66 is 45 ns).
Implication:
Some PCI targets may not interpret the REQ64# signal correctly, causing it to operate in 32-bit
mode.
Workaround:
When running in PCI-33 mode, make sure PCI target can handle the extra 40 ns.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com