Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 67 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 67 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 59Page - Intel Corporation NQ80331M800 Datasheet HTML 60Page - Intel Corporation NQ80331M800 Datasheet HTML 61Page - Intel Corporation NQ80331M800 Datasheet HTML 62Page - Intel Corporation NQ80331M800 Datasheet HTML 63Page - Intel Corporation NQ80331M800 Datasheet HTML 64Page - Intel Corporation NQ80331M800 Datasheet HTML 65Page - Intel Corporation NQ80331M800 Datasheet HTML 66Page - Intel Corporation NQ80331M800 Datasheet HTML 67Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 67 page
background image
Specification Update
67
Intel® 80331 I/O Processor
Documentation Changes
13.
WDTCR also affected by TMR1[3]
Problem:
The developer’s manual specifies in Section 14.4.2.4 that TMRx, bit[3], (where x = 0 or 1) enables
or disables user-mode writes to the timer registers (TMRx, TCRx, TRRx). However, when
TMR1[3] is set, the Watchdog timer register (WDTCR) is also disabled from user-mode writes.
Workaround:
TMR1[3] also controls the Watchdog timer.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
14.
Split Completion Message clarification
Issue:
Clarification is required for bridge functionality with split completion message.
Workaround:
Add this to section 2.2.13.3.3 between the second and third paragraph:
“If the split completion message indicates the occurrence of a write-data parity error (i.e. - PCI-X
bridge class and write data parity error index), the bridge asserts PERR# and sets the appropriate
bits in the status register when the transaction completes on the conventional interface. The 80331
bridge exhibits this behavior for both the PCI-X bridge class and completer class transactions.
For all other cases in which a non-posted write transaction completes with a split completion
message, the bridge terminates the transaction on the conventional interface with target abort.”
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
15.
Figure 49 in Design Guide shows incorrect trace length
Issue:
Figure 49 in the 80331 Design Guide shows incorrect trace length
Workaround:
Figure 49 incorrectly shows the trace length for DQ/DQS/DM as 2.0”-5.0”. The correct trace
length is 2.0”-8.0”, as stated in Tables 58, 59, and 60.
Affected Docs: Intel
® 80331 I/O Processor Design Guide
16.
Wrong Voltage Values in Table 21
Issue:
Table 21 shows wrong voltage values.
Workaround:
Replaced two rows in Table 21. The two rows now appear as follows:
Affected Docs: Intel® 80331 I/O Processor Datasheet (273943-003).
17.
SBR1 Programming When Bank 1 is Unpopulated
Issue:
Section 8.7.6 incorrectly states: “If bank 1 is unpopulated, SBR1[6:0] is programmed either with
all zeroes or a value equal to SBR0[6:0].”
Workaround:
The sentence should be changed to “If bank 1 is unpopulated, SBR1[6:0] and SBR1[31:30] should
be programmed with a value equal to SBR0[6:0] and SBR0[31:30].”
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
VOL1
Output Low Voltage (DDR SDRAM)
0.35
V
IOL = 12.5 mA (1, 2)
VOH1
Output High Voltage (DDR SDRAM)
1.95
V
IOH = -12.5 mA (1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com