Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 24 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 24 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 20Page - Intel Corporation NQ80331M800 Datasheet HTML 21Page - Intel Corporation NQ80331M800 Datasheet HTML 22Page - Intel Corporation NQ80331M800 Datasheet HTML 23Page - Intel Corporation NQ80331M800 Datasheet HTML 24Page - Intel Corporation NQ80331M800 Datasheet HTML 25Page - Intel Corporation NQ80331M800 Datasheet HTML 26Page - Intel Corporation NQ80331M800 Datasheet HTML 27Page - Intel Corporation NQ80331M800 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
24
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
22.
Primary bus pin mode behavior incorrect during reset in the 80331 no
bridge mode
Problem:
In the 80331 no bridge mode (BRG_EN = 0), several unused primary PCI signals provide the
wrong behavior during reset. The following signals float (‘Z’ = output disabled) during reset:
P_AD[63:0], P_PAR, P_PAR64, P_C/BE[7:0]#.
Implication:
No negative impact expected.
Workaround:
No workaround.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9. These
signals are ‘H’ (pulled up to Vcc).
23.
P_REQ# pin mode behavior when in the 80331 no bridge mode
Problem:
In the 80331 No Bridge Mode (BRG_EN = 0), P_REQ# (ball T6) drives a 1 in A-1, needs to be
“H” (pulled up to Vcc).
Implication:
No negative impact expected.
Workaround:
No workaround.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9. Note:
P_GNT# and P_REQ# signals have new ball locations on B-0, see Specification Change #5.
24.
Master abort after data transfer within a single ADB on PCI-X to PCI-X read
block transactions may cause data corruption or deadlock
Problem:
When a PCI-X to PCI-X Memory Read Block request is terminated with a single data phase
disconnect (SDPD) by the target after the target has provided some data, and a subsequent request
in the same allowable disconnect boundary (ADB) is not claimed (Master Abort), the bridge may
deallocate memory buffers not involved in the transaction.
Implication:
This may cause data corruption of another transaction or result in deadlock. This erratum only
occurs in PCI-X to PCI-X mode, the read byte count must be greater than 4 bytes and must not
cross an ADB boundary. The target must respond with a single data phase disconnect and when the
bridge attempts to get the remainder of the data, the target does not claim the transaction.
Workaround:
No workaround. The likelihood of this occurrence is extremely small and would require 'bad'
behavior by the target.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com