Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 46 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 46 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 42Page - Intel Corporation NQ80331M800 Datasheet HTML 43Page - Intel Corporation NQ80331M800 Datasheet HTML 44Page - Intel Corporation NQ80331M800 Datasheet HTML 45Page - Intel Corporation NQ80331M800 Datasheet HTML 46Page - Intel Corporation NQ80331M800 Datasheet HTML 47Page - Intel Corporation NQ80331M800 Datasheet HTML 48Page - Intel Corporation NQ80331M800 Datasheet HTML 49Page - Intel Corporation NQ80331M800 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46
Specification Update
Intel® 80331 I/O Processor
Core Errata
7.
Updating the JTAG parallel registers requires an extra TCK rising edge
Problem:
The IEEE 1149.1 spec states that the effects of updating all parallel JTAG registers should be seen
on the falling edge of TCK in the Update-DR state. The Intel XScale® core parallel JTAG registers,
incorrectly require an extra TCK rising edge to make the update visible. Therefore, operations like
hold-reset, JTAG break, and vector traps require either an extra TCK cycle by going to
Run-Test-Idle or by cycling through the state machine again in order to trigger the expected
hardware behavior.
Workaround:
When the JTAG interface is polled continuously, this erratum has no effect. When not, an extra
TCK cycle can be caused by going to Run-Test-Idle after writing a parallel JTAG register.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
8.
Non-branch instruction in vector table may execute twice after a thumb
mode exception
Problem:
When an exception occurs in thumb mode and a non-branch instruction is executed at the
corresponding exception vector, that instruction may execute twice. Typically instructions located
at exception vectors must be branch instructions which go to the appropriate handler, but the ARM
architecture
allows
the
FIQ
handler
to
be
placed
directly
at
the
FIQ
vector
(0x0000001c/0xffff001c) without requiring a branch. Because of this bug, the first instruction of
such an FIQ handler may be executed twice when it is not a branch instruction.
Workaround:
When a ‘NOP’ is placed at the beginning of the FIQ handler, the ‘NOP’ executes twice and no
incorrect behavior results. When a branch instruction is placed at the beginning of the handler, it
does not executed twice.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com