Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 60 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 60 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 56Page - Intel Corporation NQ80331M800 Datasheet HTML 57Page - Intel Corporation NQ80331M800 Datasheet HTML 58Page - Intel Corporation NQ80331M800 Datasheet HTML 59Page - Intel Corporation NQ80331M800 Datasheet HTML 60Page - Intel Corporation NQ80331M800 Datasheet HTML 61Page - Intel Corporation NQ80331M800 Datasheet HTML 62Page - Intel Corporation NQ80331M800 Datasheet HTML 63Page - Intel Corporation NQ80331M800 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60
Specification Update
Intel® 80331 I/O Processor
Specification Clarifications
33.
Case Temperature Clarification
Issue:
Internal models indicate that certain elevated case temperatures (Tcase) of the 80331 may cause
elevated field failures in later years of operation. This clarification is precautionary, as Intel has not
seen any failures of the 80331 products in the field. Internal modeling data indicates that the degree
of failure risk decreases with lower operating frequency (i.e. – 500, 667, or 800MHz) and
temperature (i.e. – case temperature). If a failure should occur, it would manifest itself as a hard
failure of the I/O processor which can cause a system failure.
A detailed analysis of the system operating conditions, specifically case temperature of the 80331
I/O processor, is required. The 80331 should be run with Tcase temperatures that, over the lifetime
of the part, average less than the 95oC maximum Tcase that is currently specified in the Intel®
80331 I/O Processor Datasheet (273943).
Tcase recommendations for the 80331:
Note: Tcase temperatures in the table reflect an average Tcase temperature over the lifetime of the
product.
Status:
Fixed. This issue was fixed in the D-1 stepping of the product. See the Table , “Summary Table of
Changes” on page 9.
Frequency
5 year operating life
6 year operating life
7 year operating life
500MHz
95o C93o C91o C
667MHz
85o C83o C81o C
800MHz
79o C76o C74o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com