Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 22 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 22 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 18Page - Intel Corporation NQ80331M800 Datasheet HTML 19Page - Intel Corporation NQ80331M800 Datasheet HTML 20Page - Intel Corporation NQ80331M800 Datasheet HTML 21Page - Intel Corporation NQ80331M800 Datasheet HTML 22Page - Intel Corporation NQ80331M800 Datasheet HTML 23Page - Intel Corporation NQ80331M800 Datasheet HTML 24Page - Intel Corporation NQ80331M800 Datasheet HTML 25Page - Intel Corporation NQ80331M800 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
22
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
14.
SDCR0.2 implemented as ‘Reserved’
Problem:
The attribute for bit 2 in the MCU SDRAM Control Register 0 (SDCR0) is incorrectly
implemented as ‘Reserved’, instead of ‘Read Only’. Since it is ‘reserved’, software cannot rely on
reading this bit to determine when DDR or DDR-II memory type is selected. The external state of
MEM_TYPE can not be correctly identified by reading this bit.
Implication:
This bit cannot be used to determine memory type.
Workaround:
Since hardware design is specific to either DDR or DDR-II, software engineers know what
memory is being used in their application and therefore need not rely on this bit. Also, software can
read DIMM information via Serial Presence Detect (SPD).
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
15.
32-bit region missing proper address decode
Problem:
When connected to 64-bit SDRAM, a 32-bit region can be defined by the S32SR register. There is an
issue with the calculation that is performed to determine whether a transaction is in the 32-bit window
or not. The MCU address decoder is missing the MSB for the 32-bit region hit/miss. This issue only
applies to systems that intend to use the 32-bit region. There are no other base address restrictions.
Implication:
32-bit addresses can be decoded improperly causing unstable code execution.
Workaround:
Do not allow the base address, defined by SDBR, to be aligned on an odd 1G boundary (e.g., bit 30
cannot be set to a ‘1’:
For example, allowable base addresses: 0x8000_0000, 0xA000_0000, 0x2000_0000
Non-allowable base addresses: 0x4000_0000, 0xC000_0000, 0x4100_0000
Status:
Fixed. Fixed in B-0. See the Table , “Summary Table of Changes” on page 9.
16.
S_GNT[3:2]# outputs are not pulled high when Bridge is disabled.
Problem:
When the bridge is disabled (BRG_EN = 0), the S_GNT[3:2]# signals float (Z). These signals need
to not float, but be pulled high (H).
Implication:
No negative impact expected.
Workaround:
External pull-ups are required.
Status:
Fixed. Fixed in B-0 stepping. See the Table , “Summary Table of Changes” on page 9.
17.
Split Transaction Commitment limit register mechanism, in the PCI-X
bridge, does not operate as implied by the PCI-X Addendum to the PCI
Local Bus Specification, Revision 1.0a
Problem:
The PCI-X Addendum to the PCI Local Bus Specification, Revision 1.0a requires that the bridge
operate in a fully buffered mode. The 80331 bridge allows software to write the Split Transaction
limit register, to allow compatibility with existing software, however, it behaves as though the
register is programmed with a value FFFFh. The bridge forwards all split transactions without
regard to the sequence size or the amount of available buffer space.
Implication:
This behavior could result in the bridge split completion buffers becoming full, while additional
split completions are being received. When this situation occurs, the bridge either issues a retry or
disconnects on the next ADB, until buffer space is available.
Workaround:
No workaround.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com