Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 57 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 57 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 53Page - Intel Corporation NQ80331M800 Datasheet HTML 54Page - Intel Corporation NQ80331M800 Datasheet HTML 55Page - Intel Corporation NQ80331M800 Datasheet HTML 56Page - Intel Corporation NQ80331M800 Datasheet HTML 57Page - Intel Corporation NQ80331M800 Datasheet HTML 58Page - Intel Corporation NQ80331M800 Datasheet HTML 59Page - Intel Corporation NQ80331M800 Datasheet HTML 60Page - Intel Corporation NQ80331M800 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Specification Update
57
Intel® 80331 I/O Processor
Specification Clarifications
22.
AAU result can be written directly to PCI host memory
Issue:
The Application Accelerator Unit (AAU) can write results not only to local memory but also to the
PCI bus host memory via the ATU.
This feature can be applied to degraded RAID-5 reads, where the AAU result is the reconstructed
data for the host I/O read. The AAU can write its result to PCI; therefore, the degraded read XOR
result can be written directly to host memory. This eliminates the need for a DMA operation to
transfer the result from local memory to host memory via PCI.
Savings for the RAID application include the following:
• No DMA descriptor needs to be generated.
• No DMA interrupt needs to be serviced.
• Memory and internal bus bandwidth is saved (result write by AAU and read by DMA).
• Read I/O is serviced faster (eliminates latency of DMA operation).
Note:
AAU source reads from PCI are not supported; only local memory can be used for this.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
23.
PWRDELAY functionality during power sequencing
Issue:
When the 3.3 V rail is powered on and the 1.5 V rail is powered off, the PWRDELAY input signal
drives out until the 1.5 V rail powers up. This is important to understand if still using the legacy
power-fail circuit, because it might cause other circuitry to function incorrectly. The proper usage
of PWRDELAY is described in specification change 11 (“PWRDELAY needs only a pull-up for
battery back-up mode”), which recommends that PWRDELAY be isolated from all circuitry and
tied to a 1.5 K pull-up resistor.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
24.
PBI lockout condition
Issue:
When the core is in a tight loop writing to the PBI bus, while the DMA is doing a large block
transfer (for example, from SRAM, located on the PBI, to DDR memory), the DMA can be locked
out of accessing the PBI and the transaction will never complete.
If this condition occurs, use one of these workarounds:
1. Change the MTTR1 from 98h (default) to a lower value (such as 01h). A lower value allows the
DMA (or ATU which can also master a transaction to the PBI) to gain access to the PBI, because
the BIU is given shorter access for back-to-back BIU internal bus transactions.
2. Add a core read along with the core write, causing it to stall and preventing it from starving the
DMA.
3. Add NOPs or dummy instructions to ensure the loop spans greater than two cache lines.
4. Modify the loop such that the write is not done on every iteration.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
25.
Interleaving descriptors with D-0 AAU
Issue:
The P+Q capability is enabled in the AAU globally (ACR.3), not on a descriptor by descriptor
basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com