Electronic Components Datasheet Search
  English  ▼

X  

NQ80331M800 Datasheet(PDF) 61 Page - Intel Corporation

Part # NQ80331M800
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ80331M800 Datasheet(HTML) 61 Page - Intel Corporation

Back Button NQ80331M800 Datasheet HTML 57Page - Intel Corporation NQ80331M800 Datasheet HTML 58Page - Intel Corporation NQ80331M800 Datasheet HTML 59Page - Intel Corporation NQ80331M800 Datasheet HTML 60Page - Intel Corporation NQ80331M800 Datasheet HTML 61Page - Intel Corporation NQ80331M800 Datasheet HTML 62Page - Intel Corporation NQ80331M800 Datasheet HTML 63Page - Intel Corporation NQ80331M800 Datasheet HTML 64Page - Intel Corporation NQ80331M800 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
Specification Update
61
Intel® 80331 I/O Processor
Documentation Changes
Documentation Changes
1.
Table 236 shows incorrect description for tWDL field
Problem:
tWDL field (bits 13:12) shows ‘00’ equals DDR-II Type only.
Workaround:
Should state ‘DDR-I Type only’
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
2.
Processor Device ID should be removed
Problem:
Page 739, top of the table shows Processor Device ID Register.
Workaround:
This register is no longer valid and should be removed, see specification clarification #7.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
3.
Core Performance Monitoring Unit (CPMON) section is incorrect
Problem:
Incorrect and incomplete information regarding the Core Performance Monitoring Unit.
Workaround:
Changes include additional control registers (Interrupt, Overflow, Event) and two more counter
(PMN2 and PMN3). See the Intel XScale® Core Developer’s Manual (273473), referred to in the
manual as ‘XSC2’ core.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
4.
UART FIFO Occupancy Register is read only
Problem:
Table 312 shows UART FIFO Occupancy register (UxFOR) as ‘read/write’.
Workaround:
Needs to be changed to ‘read-only’.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
5.
Refresh Frequency Register table is incorrect
Problem:
The values listed in Table 230 are incorrect.
Workaround:
Should be as follows:
333 MHz: 500h (7.8
µs value); A00h (15.6 µs value)
400 MHz: 600h (7.8
µs value); C00h (15.6 µs value)
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual
6.
PBI interrupt should be removed
Problem:
PBI interrupt should not be included in the 80331 documentation.
Workaround:
All references to the Peripheral Bus Unit Error Interrupt should be removed. This can be found in
Figure 116, INTCTL1.21, INTSTR1.21, IINTSRC1.21, FINTSRC1.21 and IPR3.
Affected Docs: Intel® 80331 I/O Processor Developer’s Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com