Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 3 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 3 Page - Microchip Technology

  MGC3130 Datasheet HTML 1Page - Microchip Technology MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 3
MGC3130
TABLE 1:
28-PIN QFN PINOUT DESCRIPTION
Pin Name
Pin
Number
Pin Type Buffer Type
Description
VCAPS
1P
—
External filter capacitor (10 µF) connection for internal STEP-UP
converter (optional).
VINDS
2P
—
External inductor (4.7 µH) + Schottky diode connection for internal
STEP-UP converter usage (optional).
VSS2
3P
—
Ground reference for the STEP-UP converter.
RX0
4
I
Analog
Analog input channels: Receive electrode connection.
RX1
5
I
Analog
RX2
6
I
Analog
RX3
7
I
Analog
RX4
8
I
Analog
VCAPA
9P
—
External filter capacitor (4.7 µF) connection for internal analog
voltage regulator (3V).
VSS3
10
P
—
Common ground reference for analog and digital domain.
VCAPD
11
P
—
External filter capacitor (220 nF) connection for internal digital
voltage regulator (1.8V).
EIO0
12
I/O
ST
Extended IO0 (EIO0)/Interface Selection Pin 0 (IS0).
EIO1
13
I/O
ST
Extended IO1 (EIO1)/Interface Selection Pin 1 (IS1).
EIO2
14
I/O
ST
Extended IO2 (EIO2)/IRQ0.
IS2
15
I
ST
Interface Selection Pin 2 (IS2).
NC
16
——
Reserved: do not connect.
NC
17
——
Reserved: do not connect.
NC
18
——
Reserved: do not connect.
EIO3
19
I/O
ST
Extended IO3 (EIO3)/IRQ1/SYNC.
SI0
20
I/O
ST
Serial Interface 0 (SI0): I2C™_SDA0/SPI_MISO. When I2C™ is
used, this line requires an external 1.8 k
pull-up.
SI1
21
I/O
ST
Serial Interface 1 (SI1): I2C™_SCL0/SPI_MOSI. When I2C™ is
used, this line requires an external 1.8 k
pull-up.
SI2
22
I/O
ST
Serial Interface 2 (SI2): I2C™_SDA1/SPI_CS. When I2C™ is
used, this line requires an external 1.8 k
pull-up.
SI3
23
I/O
ST
Serial Interface 3 (SI3): I2C™_SCL1/SPI_SCLK. When I2C™ is
used, this line requires an external 1.8 k
pull-up.
MCLR
24
I/P
ST
Master Clear (Reset) input. This pin is an active-low Reset to the
device. It requires external 10 k
pull-up.
TXD
25
O
Analog
Transmit electrode connection.
NC
26
——
Reserved: do not connect.
VSS1
27
P
—
Common ground reference for analog and digital domains.
VDD
28
P
—
Positive supply for peripheral logic and I/O pins.
It requires an external filtering capacitor (100 nF).
EXP
29
P
—
Exposed pad. It should be connected to Ground.
Legend: P = Power; ST = Schmitt Trigger input with CMOS levels; O = Output; I = Input; — = N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com