Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 20 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology MGC3130 Datasheet HTML 22Page - Microchip Technology MGC3130 Datasheet HTML 23Page - Microchip Technology MGC3130 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MGC3130
DS41667A-page 20
Advance Information
 2012 Microchip Technology Inc.
Power-down Phases
• Processing Operation: Processing mode is
activated
• Request: Request to enter Deep Sleep mode
• Power-down: Power-down state (all analog
signals are down)
• Deep Sleep: Deep Sleep mode has been entered
Signal References
• LSO: Low-Speed Oscillator clock
• HSO: High-Speed Oscillator clock
•VREF Enable: Voltage Reference enable signal
• HSO Enable: High-Speed Oscillator enable signal
• STEP-UP enable: STEP-UP converter enable
signal
4.3
Transmit Signal Generation
The Tx signal generation block provides a bandwidth
limited square wave signal for the transmit electrode.
Frequency hopping adjusts automatically the Tx carrier
frequency in the range of 70-130 kHz, depending on
the environmental noise conditions. GestIC Library
automatically selects the lowest noise working
frequency in case the sensor signal is compromised.
Frequencies can be enabled/disabled via the GestIC
Library.
To support different MGC3130 applications, the Tx
signal generation block can be configured as follows:
• Tx output level can be set between 0 and VDDA
voltage level.
• Tx signal slew rate can be controlled for lower
noise radiation (EMI).
All these configurations are available through GestIC
Library messages.
4.4
Receive (Rx) Channels
There are five identical Rx channels that can be used
for five respective receive electrodes. Four receive
electrodes are required for Position Tracking and
Gesture Recognition. A fifth electrode can be used for
touch detection and to improve distance measurement.
Each channel has its own analog signal conditioning
stage, followed by a dedicated ADC. For specific
features such as Approach Detection, individual Rx
channels can be activated or deactivated via the
GestIC
Library.
According
to
the
electrode
characteristics,
the
channels
have
to
be
parameterized.
The signal conditioning block contains analog filtering
and amplification as shown in Figure 4-10.
FIGURE 4-10:
SIGNAL CONDITIONING
BLOCK
For individual electrode characteristics, the Rx
channels can be configured as follows:
• Signal matching: The received signal is sampled
at a sampling rate, equal to twice the Tx
frequency providing a high and low ADC sample.
The signal matching block adjusts the received
signal towards the same value of high and low
ADC samples. The offset can be adjusted
accordingly.
• The matched signal output is amplified using a
programmable gain amplifier to achieve a better
sensitivity.
4.5
Analog-to-Digital Converter (ADC)
As outlined in Section 4.4 “Receive (Rx) Channels”,
each Rx channel features a dedicated ADC. The ADC
trigger source can be selected between the internal
clock and an external sync signal. ADC samples are
synchronous with twice the Tx transmit frequency. The
external sync signal is reserved for dual chip/dual zone
designs.
4.6
Signal Processing Unit (SPU)
The MGC3130 features a Signal Processing Unit
(SPU) to control the hardware blocks and process the
advanced DSP algorithms included in the GestIC
Library. It provides filtered sensor data, continuous
position information and recognized gestures to the
application host. The host combines the information
and controls its application.
4.7
Parameters Storage
The MGC3130 provides an embedded 32 kBytes Flash
memory which is dedicated for the GestIC Library and
storage of the individual configuration parameters.
These parameters have to be set according to the
individual electrode design and application. The
GestIC Library and parameters are loaded into
MGC3130 with the provided software tools or,
alternatively, via GestIC Library messages by the
application host. For more details on the MGC3130
tools, please refer to Section 8.0 “Development
Support”.
Rx gain
VDDA/2
Signal Conditioning Block
Rx Input
Signal
matching
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com