Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 9 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology MGC3130 Datasheet HTML 12Page - Microchip Technology MGC3130 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 9
MGC3130
3.0
SYSTEM ARCHITECTURE
The MGC3130 is the first product based on Microchip’s
GestIC technology. It is developed as a mixed-signal
configurable controller. The entire system solution is
composed by three main building blocks (see
Figure 3-1):
• MGC3130 Controller
• GestIC Library
• External Electrodes
3.1
MGC3130 Controller
The MGC3130 features the following main building
blocks:
• Low Noise Analog Front End (AFE)
• Digital Signal Processing Unit (SPU)
• Flexible Communication Interfaces
It provides a transmit signal to generate the E-field,
conditions the analog signals from the receiving
electrodes and processes these data digitally on the
SPU. Data exchange between the MGC3130 and the
host is conducted via the controller’s communication
interface. For details, please refer to Section 4.0
“Functional Description”.
3.2
GestIC Library
The embedded GestIC Library is optimized to ensure
continuous and real-time free-space Position Tracking
and Gesture Recognition concurrently. It is fully-
configurable and allows required parameterization for
individual application and external electrodes.
3.3
External Electrodes
Electrodes are connected to MGC3130. An electrode
needs to be individually designed for optimal E-field
distribution and detection of E-field variations inflicted
by a user.
FIGURE 3-1:
MGC3130 CONTROLLER SYSTEM ARCHITECTURE
MGC3130
Controller
Analog Front End
Communications
Interfaces
GestIC
®
Library
External
Electrodes
Tx
Rx
5
Signal Processing
Unit
To application
host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com