Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 7 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 7
MGC3130
2.0
FEATURE DESCRIPTION
2.1
Gesture Definition
A hand gesture is the movement of the hand to express
an idea or meaning. The GestIC technology accurately
allows sensing of a user’s free space hand motion for
contact free position tracking, as well as three-dimen-
sional (3D) gesture recognition based on classified
movement patterns.
2.2
GestIC Library
MGC3130 is being provided with a GestIC Library,
stored on the chip’s Flash memory. The library
includes:
• Colibri Suite: Digital Signal Processing (DSP)
algorithms and feature implementations.
• System Control: MGC3130 hardware control
features such as Analog Front End (AFE) access,
interface control and parameters storage.
• Library Loader: GestIC Library update through the
application host’s interface.
2.2.1
COLIBRI SUITE
The Colibri Suite combines data acquisition, digital
signal processing and interpretation.
The Colibri Suite functional features are illustrated in
Figure 2-1 and described in the following sections.
FIGURE 2-1:
COLIBRI SUITE CORE
ELEMENTS
2.2.1.1
Position Tracking
The Colibri Suite’s Position Tracking feature provides
three-dimensional hand position over time and area.
The absolute position data is provided according to the
defined origin of the Cartesian coordinate system (x, y,
z). Position Tracking data is continuously acquired in
parallel to Gesture Recognition. With a position rate of
up to 200 positions/sec., a maximum spatial resolution
of 150 dpi is achieved.
2.2.1.2
Gesture Recognition
The Colibri Suite’s gesture recognition model detects
and classifies hand movement patterns performed
inside the sensing area.
Using advanced stochastic classification based on
Hidden Markov Model (HMM), industry best gesture
recognition rate is being achieved. In addition, there
are some gestures derived from the combination of
Gesture Recognition and spatial information.
The Colibri Suite includes a set of predefined hand
gestures which contains flick, circular and symbol
gestures as the ones outlined below:
• Flick gestures
A flick gesture is a unidirectional gesture in a quick
flicking motion. An example may be a hand movement
from West to East within the sensing area, from South
to North, etc.
• Circular gestures
A circular gesture is a round shape gesture defined by
clock direction (e.g., a “circle clockwise” hand
movement inside the system’s sensing area). A circular
gesture can have an undefined start to end point and
an undefined number of repetitions.
• Symbol gestures
A symbol gesture is a multi-directional gesture with a
defined start and end point. An example for a symbol
gesture is a “check mark” hand movement inside the
sensing area.
2.2.1.3
Approach Detection
Approach Detection is an embedded power-saving
feature of Microchip’s Colibri Suite. It sends MGC3130
to Sleep mode and scans periodically the sensing area
to detect the presence of a human hand.
Utilizing the in-built Self Wake-up mode, Approach
Detection alternates between Sleep and Scan phases.
During the Scan phases, the approach of a human
hand can be detected while very low power is
consumed.
For
more
details,
please
see
Section 4.2.4.3 “Self Wake-up Mode”.
A detected approach of a user exceeding configured
threshold criteria will alternate the MGC3130 from Self
Wake-up to Processing mode or even the application
host in the overall system.
Digital Signal Processing
Colibri Suite
Position
Tracking
Gesture
Recognition
Approach
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com