Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 6 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology MGC3130 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MGC3130
DS41667A-page 6
Advance Information
 2012 Microchip Technology Inc.
1.1
GestIC Technology Benefits
• GestIC E-field sensors are not impacted by
ambient influences such as light or sound, which
have a negative impact to the majority of other 3D
technologies.
• The GestIC technology has a high immunity to
noise, provides high update rates and resolution,
low latency and is also not affected by clothing,
surface texture or reflectivity.
• A carrier frequency in the range of 70-130 kHz is
being used with the benefit of being outside the
regulated radio frequency range. In the same
manner, GestIC is not affected by radio
interference.
• Usage of thin low-cost materials as electrodes
allow low system cost at slim industrial housing
designs.
• The further use of existing capacitive sensor
structures such as a touch panel’s ITO coating
allow additional cost savings and ease the
integration of the technology.
• Electrodes are invisible to the users’ eye since
they are implemented underneath the housing
surface or integrated into a touch panel’s ITO
structure.
• GestIC works centrically over the full sensing
space. Thus, it provides full surface coverage
without any detection blind spots.
• Only one GestIC transmitter electrode is used for
E-field generations. The benefit is an overall low
power consumption and low radiated EMC noise.
• Since GestIC is basically processing raw
electrode signals and computes them in real-time
into pre-processed gestures and accurate x, y, z
positional data, it provides a highly flexible user
interface technology for any kind of electronic
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com