Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 17 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 13Page - Microchip Technology MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology MGC3130 Datasheet HTML 19Page - Microchip Technology MGC3130 Datasheet HTML 20Page - Microchip Technology MGC3130 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 17
MGC3130
The Self Wake-up mode current consumption depends
on the Approach Detection feature configuration:
Approach Scan and Calibration Scan repetition period.
Changing these parameters results in different current
consumption values.
Figure 4-6 and Figure 4-7 describe the Self Wake-up
mode current consumption according to the Approach
Scan and Calibration Scan period change.
FIGURE 4-6:
CURRENT CONSUMPTION FOR VARYING TIME INTERVALS BETWEEN
APPROACH SCANS AND CALIBRATION SCANS
FIGURE 4-7:
CURRENT CONSUMPTION FOR A FIXED TIME INTERVAL BETWEEN
APPROACH SCANS OF 20 ms
0.046
0.299
1.993
2.230
0.435
0.685
0
0.5
1
1.5
2
2.5
0
50
100
150
200
Time Interval between Approach Scans (ms)
no Calibration Scan
Calibration Scan every 2s
Calibration Scan every 10s
2.230
1.586
1.265
1.072
0.943 0.851 0.782 0.728
0.685
0
0.5
1
1.5
2
2.5
02468
10
12
Time interval between Calibration Scans (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com