Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 14 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 10Page - Microchip Technology MGC3130 Datasheet HTML 11Page - Microchip Technology MGC3130 Datasheet HTML 12Page - Microchip Technology MGC3130 Datasheet HTML 13Page - Microchip Technology MGC3130 Datasheet HTML 14Page - Microchip Technology MGC3130 Datasheet HTML 15Page - Microchip Technology MGC3130 Datasheet HTML 16Page - Microchip Technology MGC3130 Datasheet HTML 17Page - Microchip Technology MGC3130 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MGC3130
DS41667A-page 14
Advance Information
 2012 Microchip Technology Inc.
4.2.2
POWER SUPERVISORS
During the Power-up sequence, the system Reset will
remain low until the VDD reaches the 1.5V level and
the Reset delay, tRSTDLY, has been elapsed (typically
200 us).
The system start depends on the target application (if
the STEP-UP will be used or not) and on the used VDD
voltage.
STEP-UP applications (2.5V VDD < 3.3V): The
system starts after Power-up/Time-out period (tPWRT)
if the 2.5V is already reached.
The STEP-UP converter starts automatically from
2.5V if the external STEP-UP components are
assembled. It stays activated until a 3.5V VDD voltage
level is reached.
For VDD input beyond this level, the STEP-UP
converter will automatically stop operating and the
GestIC Library can disable it. For more details, please
refer to Figure 4-4.
Standard applications (without STEP-UP) (3.3V VDD
3.6V): The system starts after Power-up/Time-out
period (tPWRT) if the 3.3V is already reached.
FIGURE 4-4:
POWER SUPERVISORS
MCLR
STEP-UP
1.5V
VSTEP-UP
VDD
Hysteresis
t1 t2
2.5V
time
3.5V
3.3V
t1: tRSTDLY: Reset delay 120 µs, typically 200 µs
t2: tPWRT: Power-Up Time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com