Electronic Components Datasheet Search
  English  ▼

X  

A32100DX Datasheet(PDF) 92 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 92 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 88Page - Actel Corporation A32100DX Datasheet HTML 89Page - Actel Corporation A32100DX Datasheet HTML 90Page - Actel Corporation A32100DX Datasheet HTML 91Page - Actel Corporation A32100DX Datasheet HTML 92Page - Actel Corporation A32100DX Datasheet HTML 93Page - Actel Corporation A32100DX Datasheet HTML 94Page - Actel Corporation A32100DX Datasheet HTML 95Page - Actel Corporation A32100DX Datasheet HTML 96Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
92
P ack ag e Mec h a n i c a l Dr awi n gs (continued)
176- P i n CP GA
Notes:
1.
All dimensions are in inches unless otherwise stated.
2.
BSC—Basic Spacing between Centers. This is a theoretical true position dimension and so has no tolerance.
INDEX MARK
0.018" ± .002"
0.102"
0.132"
0.050" ± .005"
1.400 BSC
0.100" BSC
1.570"
± .015" square
0.120"
0.140"
11 12 13 14 15
10
9
8
7
6
5
4
3
2
1
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com