Electronic Components Datasheet Search
  English  ▼

X  

A32100DX Datasheet(PDF) 42 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 42 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 38Page - Actel Corporation A32100DX Datasheet HTML 39Page - Actel Corporation A32100DX Datasheet HTML 40Page - Actel Corporation A32100DX Datasheet HTML 41Page - Actel Corporation A32100DX Datasheet HTML 42Page - Actel Corporation A32100DX Datasheet HTML 43Page - Actel Corporation A32100DX Datasheet HTML 44Page - Actel Corporation A32100DX Datasheet HTML 45Page - Actel Corporation A32100DX Datasheet HTML 46Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
42
A1 46 0A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
CMOS Output Module Timing1
tDHS
Data to Pad, High Slew
9.2
10.8
ns
tDLS
Data to Pad, Low Slew
17.3
20.3
ns
tENZHS
Enable to Pad, Z to H/L, High Slew
7.7
9.1
ns
tENZLS
Enable to Pad, Z to H/L, Low Slew
13.1
15.5
ns
tENHSZ
Enable to Pad, H/L to Z, High Slew
10.9
12.8
ns
tENLSZ
Enable to Pad, H/L to Z, Low Slew
10.9
12.8
ns
tCKHS
IOCLK Pad to Pad H/L, High Slew
14.1
16.0
ns
tCKLS
IOCLK Pad to Pad H/L, Low Slew
20.2
22.4
ns
dTLHHS
Delta Low to High, High Slew
0.06
0.07
ns/pF
dTLHLS
Delta Low to High, Low Slew
0.11
0.13
ns/pF
dTHLHS
Delta High to Low, High Slew
0.04
0.05
ns/pF
dTHLLS
Delta High to Low, Low Slew
0.05
0.06
ns/pF
Dedicated (Hard-Wired) I/O Clock Network
tIOCKH
Input Low to High
(Pad to I/O Module Input)
3.5
4.1
ns
tIOPWH
Minimum Pulse Width High
4.8
5.7
ns
tIOPWL
Minimum Pulse Width Low
4.8
5.7
ns
tIOSAPW
Minimum Asynchronous Pulse Width
3.9
4.4
ns
tIOCKSW
Maximum Skew
0.9
1.0
ns
tIOP
Minimum Period
9.9
11.6
ns
fIOMAX
Maximum Frequency
100
85
MHz
Dedicated (Hard-Wired) Array Clock Network
tHCKH
Input Low to High
(Pad to S-Module Input)
5.5
6.4
ns
tHCKL
Input High to Low
(Pad to S-Module Input)
5.5
6.4
ns
tHPWH
Minimum Pulse Width High
4.8
5.7
ns
tHPWL
Minimum Pulse Width Low
4.8
5.7
ns
tHCKSW
Maximum Skew
0.9
1.0
ns
tHP
Minimum Period
9.9
11.6
ns
fHMAX
Maximum Frequency
100
85
MHz
Notes:
1.
Delays based on 35 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com