Electronic Components Datasheet Search
  English  ▼

X  

A32100DX Datasheet(PDF) 16 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 16 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 12Page - Actel Corporation A32100DX Datasheet HTML 13Page - Actel Corporation A32100DX Datasheet HTML 14Page - Actel Corporation A32100DX Datasheet HTML 15Page - Actel Corporation A32100DX Datasheet HTML 16Page - Actel Corporation A32100DX Datasheet HTML 17Page - Actel Corporation A32100DX Datasheet HTML 18Page - Actel Corporation A32100DX Datasheet HTML 19Page - Actel Corporation A32100DX Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
16
3 200 DX T i m i n g Mo de l ( S RAM F unc t i o n s ) *
*Values shown for A32100DX–1 at worst-case military conditions.
tINH = 0.0 ns
tINSU = 0.7 ns
Input Delays
I/O Module
D
Q
tINGO = 4.0 ns
tINPY = 1.9 ns t
IRD1 = 2.2 ns
ARRAY
CLOCKS
FMAX = 140 MHz
G
tGHL = 12.4 ns
tLSU = 0.4 ns
I/O Module
D
Q
tLH = 0.0 ns
tDLH = 6.3 ns
G
WD [7:0]
WRAD [5:0]
BLKEN
WEN
WCLK
tADSU = 2.1 ns
tADH = 0.0 ns
tWENSU = 3.5 ns
tBENS = 3.6 ns
RD [7:0]
RDAD [5:0]
REN
RCLK
tADSU = 2.1 ns
tADH = 0.0 ns
tRENSU = 0.8 ns
tRD1 = 1.3 ns
Predicted
Routing
Delays
tRCO = 4.4 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com