Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 184 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 184 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 183Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 188Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 298 page
background image
Rev. 1.90
184
�e���a�� 18� �01�
Rev. 1.90
185
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Bit3
C0OS:Outputpathselect
0:C0Xpin
1:Internaluse
Thisisthecomparatoroutputpathselectcontrolbit.Ifthebitissetto0andthe
C0SELbitis1thecomparatoroutputisconnectedtoanexternalC0Xpin.Ifthebit
issetto1ortheC0SELbitis0thecomparatoroutputsignalisonlyusedinternally
bythedeviceallowingthesharedcomparatoroutputpintoretainitsnormalI/O
operation.
Bit2~1
Unimplemented,readas“0”
Bit0
C0HYEN:HysteresisControl
0:Off
1:On
Thisisthehysteresiscontrolbitandifsethighwillapplyalimitedamountof
hysteresistothecomparator,asspecifiedintheComparatorElectricalCharacteristics
table.Thepositivefeedbackinducedbyhysteresisreducestheeffectofspurious
switchingnearthecomparatorthreshold.
CP1C Register
Bit
7
6
5
4
3
2
1
0
Name
C1SEL
C1EN
C1POL
C1OUT
C1OS
—
—
C1HYEN
R/W
R/W
R/W
R/W
R
R/W
—
—
R/W
POR
1
0
0
0
0
—
—
1
Bit7
C1SEL:SelectComparatorpinsorI/Opins
0:I/Opinselect
1:Comparatorpinselect
ThisistheComparatorpinorI/Opinselectbit.Ifthebitishighthecomparatorwill
beselectedandthetwocomparatorinputpinswillbeenabled.Asaresult,thesetwo
pinswilllosetheirI/Opinfunctions.Anypull-highconfigurationoptionsassociated
withthecomparatorsharedpinswillalsobeautomaticallydisconnected.
Bit6
C1EN:ComparatorOn/Offcontrol
0:Off
1:On
ThisistheComparatoron/offcontrolbit.Ifthebitiszerothecomparatorwillbe
switchedoffandnopowerconsumedevenifanalogvoltagesareappliedtoitsinputs.
Forpowersensitiveapplicationsthisbitshouldbeclearedtozeroifthecomparatoris
notusedorbeforethedeviceenterstheSLEEPorIDLEmode.
Bit5
C1POL:Comparatoroutputpolarity
0:Outputnotinverted
1:Outputinverted
Thisisthecomparatorpolaritybit.IfthebitiszerothentheC1OUTbitwillreflect
thenon-invertedoutputconditionofthecomparator.Ifthebitishighthecomparator
C1OUTbitwillbeinverted.
Bit4
C1OUT:Comparatoroutputbit
C1POL=0
0:C1+<C1-
1:C1+>C1-
C1POL=1
0:C1+>C1-
1:C1+<C1-
Thisbitstoresthecomparatoroutputbit.Thepolarityofthebitisdeterminedbythe
voltagesonthecomparatorinputsandbytheconditionoftheC1POLbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com