Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 187 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 187 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 183Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 190Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 191Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 298 page
background image
Rev. 1.90
186
�e���a�� 18� �01�
Rev. 1.90
187
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
ThestatusoftheSPIinterfacepinsisdeterminedbyanumberoffactorssuchaswhetherthedevice
isinthemasterorslavemodeandupontheconditionofcertaincontrolbitssuchasCSENand
SIMEN.
ThereareseveralconfigurationoptionsassociatedwiththeSPIinterface.Oneoftheseisto
enabletheSIMfunctionwhichselectstheSIMpinsratherthannormalI/Opins.Notethatifthe
configurationoptiondoesnotselecttheSIMfunctionthentheSIMENbitintheSIMC0registerwill
havenoeffect.AnothertwoSPIconfigurationoptionsdetermineiftheCSENandWCOLbitsareto
beused.
SP I M ast er
SP I Sl av e
SC K
SD O
SD I
SC S
SC K
SD I
SD O
SC S
SPI Master/Slave Connection
Da ta B us
SD I Pi n
SD O Pi n
SI MD
Tx /R x Sh if t R egi st er
Bu sy
St at us
C onf i gur at io n
Op ti on
TR F Fl ag
E nabl e/ Di s abl e
W CO L Fl ag
Cl oc k
E dge/ Po la ri ty
C ont ro l
Cl oc k
S our ce S el ec t
f SY S
f TB C
TM 0 CCRP m at ch fr e quen cy/ 2
SC K Pi n
SC S Pi n
C onf i gur at io n
Op ti on
CS EN b it
E nabl e/ Di s abl e
CK EN b it
CK PO LB b it
SPI Bolck Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com