Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 218 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 218 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 214Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 215Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 216Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 217Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 218Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 219Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 220Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 221Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 222Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 298 page
background image
Rev. 1.90
�18
�e���a�� 18� �01�
Rev. 1.90
�19
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
04H
08H
0CH
10H
14H
18H
1CH
�0H
�4H
�8H
Vector
Low
P�io�it�
High
Req�est
�lags
Ena�le
Bits
Maste�
Ena�le
Req�est
�lags
Ena�le
Bits
EMI a�to disa�led in ISR
Inte���pts contained within
M�lti-��nction Inte���pts
Inte���pt
Name
Inte���pt
Name
HT66��0 onl�
M���
M. ��nct. �
M��E
XP�
PINT Pin
XPE
EMI
�CH
LV�
LVD
LVE
DE�
EEPROM
DEE
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
EMI
SIM�
SIM
SIME
T1B�
TM1 B
T1BE
T1A�
TM1 A
T1AE
T1P�
TM1 P
T1PE
T0A�
TM0 A
T0AE
T0P�
TM0 P
T0PE
INT0�
INT0 Pin
INT0E
INT1�
INT1 Pin
INT1E
CP0�
Comp. 0
CP0E
CP1�
Comp. 1
CP1E
M�0�
M. ��nct. 0
M�0E
M�1�
M. ��nct. 1
M�1E
AD�
A/D
ADE
EMI
M���
M. ��nct. �
M��E
TB0�
Time Base 0
TB0E
TB1�
Time Base 1
TB1E
xx�
Legend
Req�est �lag – no a�to �eset in ISR
xx� Req�est �lag – a�to �eset in ISR
xxE Ena�le Bit
Interrupt Structure – HT66F20/HT66F30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com