Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 222 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 222 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 218Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 219Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 220Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 221Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 222Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 223Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 224Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 225Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 226Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 298 page
background image
Rev. 1.90
���
�e���a�� 18� �01�
Rev. 1.90
���
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
A/D Converter Interrupt
TheA/DConverterInterruptiscontrolledbytheterminationofanA/Dconversionprocess.AnA/D
ConverterInterruptrequestwilltakeplacewhentheA/DConverterInterruptrequestflag,ADF,is
set,whichoccurswhentheA/Dconversionprocessfinishes.Toallowtheprogramtobranchtoits
respectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,andA/DInterruptenablebit,
ADE,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandtheA/Dconversion
processhasended,asubroutinecalltotheA/DConverterInterruptvector,willtakeplace.Whenthe
interruptisserviced,theA/DConverterInterruptflag,ADF,willbeautomaticallycleared.TheEMI
bitwillalsobeautomaticallyclearedtodisableotherinterrupts.
Time Base Interrupt
ThefunctionoftheTimeBaseInterruptsistoprovideregulartimesignalintheformofaninternal
interrupt.Theyarecontrolledbytheoverflowsignalsfromtheirrespectivetimerfunctions.When
thesehappenstheirrespectiveinterruptrequestflags,TB0ForTB1Fwillbeset.Toallowthe
programtobranchtotheirrespectiveinterruptvectoraddresses,theglobalinterruptenablebit,EMI
andTimeBaseenablebits,TB0EorTB1E,mustfirstbeset.Whentheinterruptisenabled,thestack
isnotfullandtheTimeBaseoverflows,asubroutinecalltotheirrespectivevectorlocationswill
takeplace.Whentheinterruptisserviced,therespectiveinterruptrequestflag,TB0ForTB1F,will
beautomaticallyresetandtheEMIbitwillbeclearedtodisableotherinterrupts.
ThepurposeoftheTimeBaseInterruptistoprovideaninterruptsignalatfixedtimeperiods.Their
clocksourcesoriginatefromtheinternalclocksourcefTB.ThisfTBinputclockpassesthrougha
divider,thedivisionratioofwhichisselectedbyprogrammingtheappropriatebitsintheTBC
registertoobtainlongerinterruptperiodswhosevalueranges.TheclocksourcethatgeneratesfTB,
whichinturncontrolstheTimeBaseinterruptperiod,canoriginatefromseveraldifferentsources,
asshownintheSystemOperatingModesection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com