Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 273 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 273 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 269Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 270Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 271Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 272Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 273Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 274Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 275Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 276Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 277Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 298 page
background image
Rev. 1.90
�7�
�e���a�� 18� �01�
Rev. 1.90
�7�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
SUBM A,[m]
SubtractDataMemoryfromACCwithresultinDataMemory
Description
ThespecifiedDataMemoryissubtractedfromthecontentsoftheAccumulator.Theresultis
storedintheDataMemory.Notethatiftheresultofsubtractionisnegative,theCflagwillbe
clearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
[m]←ACC−[m]
Affectedflag(s)
OV,Z,AC,C
SUB A,x
SubtractimmediatedatafromACC
Description
TheimmediatedataspecifiedbythecodeissubtractedfromthecontentsoftheAccumulator.
TheresultisstoredintheAccumulator.Notethatiftheresultofsubtractionisnegative,theC
flagwillbeclearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
ACC←ACC−x
Affectedflag(s)
OV,Z,AC,C
SWAP [m]
SwapnibblesofDataMemory
Description
Thelow-orderandhigh-ordernibblesofthespecifiedDataMemoryareinterchanged.
Operation
[m].3~[m].0↔[m].7~[m].4
Affectedflag(s)
None
SWAPA [m]
SwapnibblesofDataMemorywithresultinACC
Description
Thelow-orderandhigh-ordernibblesofthespecifiedDataMemoryareinterchanged.The
resultisstoredintheAccumulator.ThecontentsoftheDataMemoryremainunchanged.
Operation
ACC.3~ACC.0←[m].7~[m].4
ACC.7~ACC.4←[m].3~[m].0
Affectedflag(s)
None
SZ [m]
SkipifDataMemoryis0
Description
IfthecontentsofthespecifiedDataMemoryis0,thefollowinginstructionisskipped.Asthis
requirestheinsertionofadummyinstructionwhilethenextinstructionisfetched,itisatwo
cycleinstruction.Iftheresultisnot0theprogramproceedswiththefollowinginstruction.
Operation
Skipif[m]=0
Affectedflag(s)
None
SZA [m]
SkipifDataMemoryis0withdatamovementtoACC
Description
ThecontentsofthespecifiedDataMemoryarecopiedtotheAccumulator.Ifthevalueiszero,
thefollowinginstructionisskipped.Asthisrequirestheinsertionofadummyinstruction
whilethenextinstructionisfetched,itisatwocycleinstruction.Iftheresultisnot0the
programproceedswiththefollowinginstruction.
Operation
ACC←[m]
Skipif[m]=0
Affectedflag(s)
None
SZ [m].i
SkipifbitiofDataMemoryis0
Description
IfbitiofthespecifiedDataMemoryis0,thefollowinginstructionisskipped.Asthisrequires
theinsertionofadummyinstructionwhilethenextinstructionisfetched,itisatwocycle
instruction.Iftheresultisnot0,theprogramproceedswiththefollowinginstruction.
Operation
Skipif[m].i=0
Affectedflag(s)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com