Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 269 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 269 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 265Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 266Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 267Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 268Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 269Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 270Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 271Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 272Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 273Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 298 page
background image
Rev. 1.90
�68
�e���a�� 18� �01�
Rev. 1.90
�69
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
JMP addr
Jumpunconditionally
Description
ThecontentsoftheProgramCounterarereplacedwiththespecifiedaddress.Program
executionthencontinuesfromthisnewaddress.Asthisrequirestheinsertionofadummy
instructionwhilethenewaddressisloaded,itisatwocycleinstruction.
Operation
ProgramCounter←addr
Affectedflag(s)
None
MOV A,[m]
MoveDataMemorytoACC
Description
ThecontentsofthespecifiedDataMemoryarecopiedtotheAccumulator.
Operation
ACC←[m]
Affectedflag(s)
None
MOV A,x
MoveimmediatedatatoACC
Description
TheimmediatedataspecifiedisloadedintotheAccumulator.
Operation
ACC←x
Affectedflag(s)
None
MOV [m],A
MoveACCtoDataMemory
Description
ThecontentsoftheAccumulatorarecopiedtothespecifiedDataMemory.
Operation
[m]←ACC
Affectedflag(s)
None
NOP
Nooperation
Description
Nooperationisperformed.Executioncontinueswiththenextinstruction.
Operation
Nooperation
Affectedflag(s)
None
OR A,[m]
LogicalORDataMemorytoACC
Description
DataintheAccumulatorandthespecifiedDataMemoryperformabitwise
logicalORoperation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″OR″[m]
Affectedflag(s)
Z
OR A,x
LogicalORimmediatedatatoACC
Description
DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalOR
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″OR″x
Affectedflag(s)
Z
ORM A,[m]
LogicalORACCtoDataMemory
Description
DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalOR
operation.TheresultisstoredintheDataMemory.
Operation
[m]←ACC″OR″[m]
Affectedflag(s)
Z
RET
Returnfromsubroutine
Description
TheProgramCounterisrestoredfromthestack.Programexecutioncontinuesattherestored
address.
Operation
ProgramCounter←Stack
Affectedflag(s)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com