Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 265 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 265 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 261Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 262Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 263Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 264Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 265Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 266Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 267Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 268Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 269Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 298 page
background image
Rev. 1.90
�64
�e���a�� 18� �01�
Rev. 1.90
�65
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV A�[m]
Move Data Memo�� to ACC
1
None
MOV [m]�A
Move ACC to Data Memo��
1Note
None
MOV A�x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clea� �it of Data Memo��
1Note
None
SET [m].i
Set �it of Data Memo��
1Note
None
Branch
JMP add�
J�mp �nconditionall�
�
None
SZ [m]
Skip if Data Memo�� is ze�o
1Note
None
SZA [m]
Skip if Data Memo�� is ze�o with data movement to ACC
1Note
None
SZ [m].i
Skip if �it i of Data Memo�� is ze�o
1Note
None
SNZ [m].i
Skip if �it i of Data Memo�� is not ze�o
1Note
None
SIZ [m]
Skip if inc�ement Data Memo�� is ze�o
1Note
None
SDZ [m]
Skip if dec�ement Data Memo�� is ze�o
1Note
None
SIZA [m]
Skip if inc�ement Data Memo�� is ze�o with �es�lt in ACC
1Note
None
SDZA [m]
Skip if dec�ement Data Memo�� is ze�o with �es�lt in ACC
1Note
None
CALL add�
S���o�tine call
�
None
RET
Ret��n f�om s���o�tine
�
None
RET A�x
Ret��n f�om s���o�tine and load immediate data to ACC
�
None
RETI
Ret��n f�om inte���pt
�
None
Table Read
TABRD [m]
Read ta�le to TBLH and Data Memo��
�Note
None
TABRDL [m]
Read ta�le (last page) to TBLH and Data Memo��
�Note
None
Miscellaneous
NOP
No ope�ation
1
None
CLR [m]
Clea� Data Memo��
1Note
None
SET [m]
Set Data Memo��
1Note
None
CLR WDT
Clea� Watchdog Time�
1
TO� PD�
CLR WDT1
P�e-clea� Watchdog Time�
1
TO� PD�
CLR WDT�
P�e-clea� Watchdog Time�
1
TO� PD�
SWAP [m]
Swap ni��les of Data Memo��
1Note
None
SWAPA [m]
Swap ni��les of Data Memo�� with �es�lt in ACC
1
None
HALT
Ente� powe� down mode
1
TO� PD�
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com