Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 261 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 261 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 257Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 258Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 259Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 260Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 261Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 262Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 263Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 264Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 265Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 298 page
background image
Rev. 1.90
�60
�e���a�� 18� �01�
Rev. 1.90
�61
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
• ThePCKcontrolbitissetto1toenablethePCKoutputastheclocksourcefortheUARTbaud
rategeneratorwithvariousPCKoutputfrequenciesdeterminedbythePCKP1andPCKP0bitsin
theSIMC0Register.
♦
PCKoutputfrequencyselectionbitsPCKP1~PCKP0intheSIMC0Register
Bit
3
2
Name
PCKP1
PCKP0
val�e
11�10�01�00
00:PCKoutputfrequencyisfSYS
01:PCKoutputfrequencyisfSYS/4
10:PCKoutputfrequencyisfSYS/8
11:PCKoutputfrequencyisTM0CCRPmatchfrequency/2
♦
PCKoutputenablecontrolbitPCKENintheSIMC0Register
Bit
4
Name
PCKEN
val�e
1
0:DisablePCKoutput
1:EnablePCKoutput
Aftertheabovesetupconditionshavebeenimplemented,theMCUcanenabletheSIMinterface
bysettingtheSIMENbithigh.TheMCUcanthenbegincommunicationwithexternalUART
connecteddevicesusingitsSPIinterface.ThedetailedMCUMasterSPIfunctionaldescriptionis
providedwithintheSerialInterfaceModulesectionoftheMCUdatasheet.
Application Circuit with UART Module
OS C1
OS C2
OS C
Ci rc ui t
S ee O sci lla to r
S ect io n
AN x
I/O P or ts
XT 1
XT 2
OS C
Ci rc ui t
S ee O sci lla to r
S ect io n
RE S
VD D
VS S
0. 1 m F
V DD
R eset
Ci rc ui t
0. 1~ 1 m F
10k W ~
100k W
300 W *
0. 01 m F* *
1N 4148 *
TX
RX
TI N
RO UT
RS 23 2
Tr an sce iv er
To / F ro m RS 2 32 Bu s
Note:*ItisrecommendedthatthiscomponentisaddedforaddedESDprotection.
**Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoiseissignificant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com