Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 259 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 259 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 255Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 256Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 257Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 258Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 259Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 260Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 261Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 262Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 263Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 298 page
background image
Rev. 1.90
�58
�e���a�� 18� �01�
Rev. 1.90
�59
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
• Addressdetectmode
SettingtheAddressDetectfunctionenablecontrolbit,ADDEN,intheUCR2register,enables
thisspecialfunction.Ifthisbitissetto1,thenanadditionalqualifierwillbeplacedonthe
generationofaReceiverDataAvailableinterrupt,whichisrequestedbytheRXIFflag.Ifthe
ADDENbitisequalto1,thenwhenthedataisavailable,aninterruptwillonlybegenerated,if
thehighestreceivedbithasahighvalue.Notethattherelatedinterruptenablecontrolbitandthe
EMIbitofthemicrocontrollermustalsobeenabledforcorrectinterruptgeneration.Thehighest
addressbitisthe9thbitifthebitBNO=1orthe8thbitifthebitBNO=0.Ifthehighestbitis
high,thenthereceivedwordwillbedefinedasanaddressratherthandata.ADataAvailable
interruptwillbegeneratedeverytimethelastbitofthereceivedwordisset.IftheADDENbit
isequalto0,thenaReceiveDataAvailableinterruptwillbegeneratedeachtimetheRXIFflag
isset,irrespectiveofthedatalastbutstatus.Theaddressdetectandparityfunctionsaremutually
exclusivefunctions.Thereforeiftheaddressdetectfunctionisenabled,thentoensurecorrect
operation,theparityfunctionshouldbedisabledbyresettingtheparityfunctionenablebitPREN
tozero.
ADDEN
Bit 9 (BNO=1)
Bit 8 (BNO=0)
UART Interrupt
Generated
0
0
√
1
√
1
0
×
1
√
ADDEN Bit Function
UART Module Power-down and Wake-up
TheMCUandUARTModulearepowereddownindependentlyofeachother.Themethodof
poweringdowntheMCUiscoveredinthepreviousMCUsectionofthedatasheet.TheUART
ModulemustbepowereddownbeforetheMCUispowereddown.Thisisimplementedbyfirst
clearingtheUARTENbitintheUCR1registertodisabletheUARTModulecircuitryafterwhich
theSCSinternallinecanbesethightodisabletheSPIinterfacecircuits.WhentheUARTand
SPIinterfacesarepowereddown,theSCKandCLKIclocksourcestotheUARTmodulewillbe
disabled.TheUARTModulecanbepoweredupbytheMCUbyfirstclearingtheSCSlinetozero
andthensettingtheUARTENbit.IftheUARTcircuitsispowereddownwhileatransmissionisstill
inprogress,thenthetransmissionwillbeterminatedandtheexternalTXtransmitpinwillbeforced
toalogichighlevel.Inasimilarway,iftheUARTcircuitsispowereddownwhilereceivingdata,
thenthereceptionofdatawilllikewisebeterminated.WhentheUARTcircuitsispowereddown,
notethattheUSR,UCR1,UCR2,UCR3,transmitandreceiveregisters,aswellastheBRGregister
willnotbeaffected.
TheUARTModulecontainsareceiverRXpinwake-upfunction,whichisenabledordisabledby
theWAKEbitintheUCR2register.Ifthisbit,alongwiththeUARTenablebitnamedUARTEN,
thereceiverenablebitnamedRXENandthereceiverinterruptenablebitnamedRIE,areallset
beforetheMCUandUARTmoduleareispowereddown,thenafallingedgeontheRXpinwill
wakeuptheMCUfromitspowerdowncondition.Notethatasittakesacertainperiodoftime
knownastheSystemStart-upTimeforoscillatortorestartandstabilizeafterawake-up,anydata
receivedduringthistimeontheRXpinwillbeignored.
ForaUARTwake-upinterrupttooccur,inadditiontothebitsforthewake-upenablecontrol
andReceiveinterruptenablecontrolbeingset,theglobalinterruptenablecontrolandtherelated
interruptenablecontrolbitsmustalsobeset.Ifthesetwobitsarenotset,thenonlyawake-upevent
willoccurandnointerruptwillbeserviced.Notealsothatasittakesaperiodofdelayafterawake-
upbeforenormalmicrocontrollerresumes,therelevantUARTinterruptwillnotbeserviceduntil
thisperiodofdelaytimehaselapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com