Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 258 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 258 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 254Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 255Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 256Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 257Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 258Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 259Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 260Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 261Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 262Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 298 page
background image
Rev. 1.90
�58
�e���a�� 18� �01�
Rev. 1.90
�59
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
UART Module Interrupt Structure
SeveralindividualUARTconditionscangenerateaUARTinterrupt.Whentheseconditionsexist,
alowpulsewillbegeneratedontheINTlinetogettheattentionofthemicrocontroller.These
conditionsareatransmitterdataregisterempty,transmitteridle,receiverdataavailable,receiver
overrun,addressdetectandanRXpinwake-up.Whenanyoftheseconditionsarecreated,ifits
correspondinginterruptcontrolisenabledandthestackisnotfull,theprogramwilljumptoits
correspondinginterruptvectorwhereitcanbeservicedbeforereturningtothemainprogram.Four
oftheseconditionshavethecorrespondingUSRregisterflagswhichwillgenerateaUARTinterrupt
ifitsassociatedinterruptenablecontrolbitintheUCR2registerisset.Thetwotransmitterinterrupt
conditionshavetheirowncorrespondingenablecontrolbits,whilethetworeceiverinterrupt
conditionshaveasharedenablecontrolbit.Theseenablebitscanbeusedtomaskoutindividual
UARTinterruptsources.
Theaddressdetectcondition,whichisalsoaUARTinterruptsource,doesnothaveanassociated
flag,butwillgenerateaUARTinterruptwhenanaddressdetectconditionoccursifitsfunction
isenabledbysettingtheADDENbitintheUCR2register.AnRXpinwake-up,whichisalsoa
UARTinterruptsource,doesnothaveanassociatedflag,butwillgenerateaUARTinterruptif
themicrocontrolleriswokenupbyafallingedgeontheRXpin,iftheWAKEandRIEbitsinthe
UCR2registerareset.NotethatintheeventofanRXwake-upinterruptoccurring,therewillbea
certainperiodofdelay,commonlyknownastheSystemStart-upTime,fortheoscillatortorestart
andstabilizebeforethesystemresumesnormaloperation.
NotethattheUSRregisterflagsarereadonlyandcannotbeclearedorsetbytheapplication
program,neitherwilltheybeclearedwhentheprogramjumpstothecorrespondinginterrupt
servicingroutine,asisthecaseforsomeoftheotherinterrupts.Theflagswillbecleared
automaticallywhencertainactionsaretakenbytheUART,thedetailsofwhicharegiveninthe
UARTregistersection.TheoverallUARTinterruptcanbedisabledorenabledbytherelated
interruptenablecontrolbitsintheinterruptcontrolregistersofthemicrocontrollertodecidewhether
theinterruptrequestedbytheUARTmoduleismaskedoutorallowed.
US R Re gi st er
Tr ans mi tte r Em pt y
Fl ag T XI F
Tr ans mi tt er Id le
Fl ag T ID LE
Re ce iv er D at a
Av ai la bl e RX IF
Re ce iv er O ve rr un
Fl ag O ER R
RX 7 if B NO =0
RX 8 if B NO =1
AD DE N
0
1
0
1
RX P in
Wa ke -u p
WA KE
0
1
UCR2 R e g is te r
TE IE
TI IE
RI E
UCR 2 R egi st er
0
1
0
1
0
1
OR
To M CU P IN T in te rr up t i nput
IN T
UART Module Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com