Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 254 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 254 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 250Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 251Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 252Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 253Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 254Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 255Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 256Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 257Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 258Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 298 page
background image
Rev. 1.90
�54
�e���a�� 18� �01�
Rev. 1.90
�55
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
• Transmittingdata
WhentheUARTistransmittingdata,thedataisshiftedontheTXpinfromtheshiftregister,
withtheleastsignificantbitLSBfirst.Inthetransmitmode,theTXRregisterformsabuffer
betweentheinternalbusandthetransmittershiftregister.Itshouldbenotedthatif9-bitdata
formathasbeenselected,thentheMSBwillbetakenfromtheTX8bitintheUCR1register.The
stepstoinitiateadatatransfercanbesummarizedasfollows:
♦
MakethecorrectselectionoftheBNO,PRT,PRENandSTOPSbitstodefinetherequired
wordlength,paritytypeandnumberofstopbits.
♦
SetuptheBRGregistertoselectthedesiredbaudrate.
♦
SettheTXENbittoensurethattheUARTtransmitterisenabledandtheTXpinisusedasa
UARTtransmitterpin.
♦
AccesstheUSRregisterandwritethedatathatistobetransmittedintotheTXRregister.Note
thatthisstepwillcleartheTXIFbit.
Thissequenceofeventscannowberepeatedtosendadditionaldata.
ItshouldbenotedthatwhenTXIF=0,datawillbeinhibitedfrombeingwrittentotheTXR
register.ClearingtheTXIFflagisalwaysachievedusingthefollowingsoftwaresequence:
1.AUSRregisteraccess
2.ATXRregisterwriteexecution
Theread-onlyTXIFflagissetbytheUARThardwareandifsetindicatesthattheTXRregister
isemptyandthatotherdatacannowbewrittenintotheTXRregisterwithoutoverwritingthe
previousdata.IftheTEIEbitisset,thentheTXIFflagwillgenerateaninterrupt.Duringadata
transmission,awriteinstructiontotheTXRregisterwillplacethedataintotheTXRregister,
whichwillbecopiedtotheshiftregisterattheendofthepresenttransmission.Whenthereisno
datatransmissioninprogress,awriteinstructiontotheTXRregisterwillplacethedatadirectly
intotheshiftregister,resultinginthecommencementofdatatransmission,andtheTXIFbit
beingimmediatelyset.Whenaframetransmissioniscomplete,whichhappensafterstopbits
aresentorafterthebreakframe,theTIDLEbitwillbeset.TocleartheTIDLEbitthefollowing
softwaresequenceisused:
1.AUSRregisteraccess
2.ATXRregisterwriteexecution
NotethatboththeTXIFandTIDLEbitsareclearedbythesamesoftwaresequence.
• Transmittingbreak
IftheTXBRKbitisset,thenthebreakcharacterswillbesentonthenexttransmission.Break
charactertransmissionconsistsofastartbit,followedby13×N"0"bits,whereN=1,2,etc.if
abreakcharacteristobetransmitted,thentheTXBRKbitmustbefirstsetbytheapplication
programandthenclearedtogeneratethestopbits.Transmittingabreakcharacterwillnot
generateatransmitinterrupt.Notethatabreakconditionlengthisatleast13bitslong.Ifthe
TXBRKbitiscontinuallykeptatalogichighlevel,thenthetransmittercircuitrywilltransmit
continuousbreakcharacters.AftertheapplicationprogramhasclearedtheTXBRKbit,the
transmitterwillfinishtransmittingthelastbreakcharacterandsubsequentlysendoutoneortwo
stopbits.Theautomaticlogichighattheendofthelastbreakcharacterwillensurethatthestart
bitofthenextframeisrecognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com