Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 253 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 253 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 249Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 250Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 251Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 252Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 253Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 254Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 255Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 256Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 257Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 298 page
background image
Rev. 1.90
�5�
�e���a�� 18� �01�
Rev. 1.90
�5�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
• Data,parityandstopbitselection
Theformatofthedatatobetransferrediscomposedofvariousfactorssuchasdatabitlength,
parityon/off,paritytype,addressbitsandthenumberofstopbits.Thesefactorsaredetermined
bythesetupofvariousbitswithintheUCR1register.TheBNObitcontrolsthenumberofdata
bitswhichcanbesettoeither8or9.ThePRTbitcontrolsthechoiceifoddorevenparity.The
PRENbitcontrolstheparityon/offfunction.TheSTOPSbitdecideswhetheroneortwostop
bitsaretobeused.Thefollowingtableshowsvariousformatsfordatatransmission.Theaddress
detectmodecontrolbitidentifiestheframeasanaddresscharacter.Thenumberofstopbits,
whichcanbeeitheroneortwo,isindependentofthedatalength.
Start Bit
Data Bits
Address Bits
Parity Bits
Stop Bit
Example of 8-bit Data Formats
1
8
0
0
1
1
7
0
1
1
1
7
1
0
1
Example of 9-bit Data Formats
1
9
0
0
1
1
8
0
1
1
1
8
1
0
1
Transmitter Receiver Data Format
Thefollowingdiagramshowsthetransmitandreceivewaveformsforboth8-bitand9-bitdata
formats.
St ar t B it
Bi t 0
Bi t 1
Bi t 2
Bi t 3
Bi t 4
Bi t 5
Bi t 6
Bi t 7
St op B it
Ne xt
St ar t
Bi t
Pa ri ty B it
8- Bi t Da ta F or ma t
St ar t B it
Bi t 0
Bi t 1
Bi t 2
Bi t 3
Bi t 4
Bi t 5
Bi t 6
Bi t 7
St op B it
Ne xt
St ar t
Bi t
Pa ri ty B it
9- Bi t Da ta F or ma t
Bi t 8
• UARTtransmitter
Datawordlengthsofeither8or9bitscanbeselectedbyprogrammingtheBNObitintheUCR1
register.WhenBNObitisset,thewordlengthwillbesetto9bits.Inthiscasethe9thbit,which
istheMSB,needstobestoredintheTX8bitintheUCR1register.Atthetransmittercorelies
theTransmitterShiftRegister,morecommonlyknownastheTSR,whosedataisobtainedfrom
thetransmitdataregister,whichisknownastheTXRregister.Thedatatobetransmittedis
loadedintothisTXRregisterbytheapplicationprogram.TheTSRregisterisnotwrittentowith
newdatauntilthestopbitfromtheprevioustransmissionhasbeensentout.Assoonasthisstop
bithasbeentransmitted,theTSRcanthenbeloadedwithnewdatafromtheTXRregister,ifit
isavailable.ItshouldbenotedthattheTSRregister,unlikemanyotherregisters,isnotdirectly
mappedintotheDataMemoryareaandassuchisnotavailabletotheapplicationprogramfor
directread/writeoperations.Anactualtransmissionofdatawillnormallybeenabledwhenthe
TXENbitisset,butthedatawillnotbetransmitteduntiltheTXRregisterhasbeenloadedwith
dataandthebaudrategeneratorhasdefinedashiftclocksource.However,thetransmissioncan
alsobeinitiatedbyfirstloadingdataintotheTXRregister,afterwhichtheTXENbitcanbeset.
Whenatransmissionofdatabegins,theTSRisnormallyempty,inwhichcaseatransfertothe
TXRregisterwillresultinanimmediatetransfertotheTSR.IfduringatransmissiontheTXEN
bitiscleared,thetransmissionwillimmediatelyceaseandthetransmitterwillbereset.TheTX
outputpinwillthenreturntothehighimpedancestate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com