Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 264 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 264 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 260Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 261Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 262Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 263Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 264Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 265Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 266Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 267Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 268Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 298 page
background image
Rev. 1.90
�64
�e���a�� 18� �01�
Rev. 1.90
�65
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[m]
Add Data Memo�� to ACC
1
Z� C� AC� OV
ADDM A�[m]
Add ACC to Data Memo��
1Note
Z� C� AC� OV
ADD A�x
Add immediate data to ACC
1
Z� C� AC� OV
ADC A�[m]
Add Data Memo�� to ACC with Ca���
1
Z� C� AC� OV
ADCM A�[m]
Add ACC to Data memo�� with Ca���
1Note
Z� C� AC� OV
SUB A�x
S��t�act immediate data f�om the ACC
1
Z� C� AC� OV
SUB A�[m]
S��t�act Data Memo�� f�om ACC
1
Z� C� AC� OV
SUBM A�[m]
S��t�act Data Memo�� f�om ACC with �es�lt in Data Memo��
1Note
Z� C� AC� OV
SBC A�[m]
S��t�act Data Memo�� f�om ACC with Ca���
1
Z� C� AC� OV
SBCM A�[m]
S��t�act Data Memo�� f�om ACC with Ca���� �es�lt in Data Memo��
1Note
Z� C� AC� OV
DAA [m]
Decimal adj�st ACC fo� Addition with �es�lt in Data Memo��
1Note
C
Logic Operation
AND A�[m]
Logical AND Data Memo�� to ACC
1
Z
OR A�[m]
Logical OR Data Memo�� to ACC
1
Z
XOR A�[m]
Logical XOR Data Memo�� to ACC
1
Z
ANDM A�[m]
Logical AND ACC to Data Memo��
1Note
Z
ORM A�[m]
Logical OR ACC to Data Memo��
1Note
Z
XORM A�[m]
Logical XOR ACC to Data Memo��
1Note
Z
AND A�x
Logical AND immediate Data to ACC
1
Z
OR A�x
Logical OR immediate Data to ACC
1
Z
XOR A�x
Logical XOR immediate Data to ACC
1
Z
CPL [m]
Complement Data Memo��
1Note
Z
CPLA [m]
Complement Data Memo�� with �es�lt in ACC
1
Z
Increment & Decrement
INCA [m]
Inc�ement Data Memo�� with �es�lt in ACC
1
Z
INC [m]
Inc�ement Data Memo��
1Note
Z
DECA [m]
Dec�ement Data Memo�� with �es�lt in ACC
1
Z
DEC [m]
Dec�ement Data Memo��
1Note
Z
Rotate
RRA [m]
Rotate Data Memo�� �ight with �es�lt in ACC
1
None
RR [m]
Rotate Data Memo�� �ight
1Note
None
RRCA [m]
Rotate Data Memo�� �ight th�o�gh Ca��� with �es�lt in ACC
1
C
RRC [m]
Rotate Data Memo�� �ight th�o�gh Ca���
1Note
C
RLA [m]
Rotate Data Memo�� left with �es�lt in ACC
1
None
RL [m]
Rotate Data Memo�� left
1Note
None
RLCA [m]
Rotate Data Memo�� left th�o�gh Ca��� with �es�lt in ACC
1
C
RLC [m]
Rotate Data Memo�� left th�o�gh Ca���
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com