Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 33 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 33 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 29Page - Zilog, Inc. Z8F0813 Datasheet HTML 30Page - Zilog, Inc. Z8F0813 Datasheet HTML 31Page - Zilog, Inc. Z8F0813 Datasheet HTML 32Page - Zilog, Inc. Z8F0813 Datasheet HTML 33Page - Zilog, Inc. Z8F0813 Datasheet HTML 34Page - Zilog, Inc. Z8F0813 Datasheet HTML 35Page - Zilog, Inc. Z8F0813 Datasheet HTML 36Page - Zilog, Inc. Z8F0813 Datasheet HTML 37Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Register Map
Z8 Encore! XP® F0823 Series
Product Specification
18
LED Controller (cont’d)
F84
LED Drive Level Low Byte
LEDLVLL
00
53
F85
Reserved
—
XX
Oscillator Control
F86
Oscillator Control
OSCCTL
A0
172
F87–F8F
Reserved
—
XX
Comparator 0
F90
Comparator 0 Control
CMP0
14
133
F91–FBF
Reserved
—
XX
Interrupt Controller
FC0
Interrupt Request 0
IRQ0
00
59
FC1
IRQ0 Enable High Bit
IRQ0ENH
00
62
FC2
IRQ0 Enable Low Bit
IRQ0ENL
00
62
FC3
Interrupt Request 1
IRQ1
00
60
FC4
IRQ1 Enable High Bit
IRQ1ENH
00
64
FC5
IRQ1 Enable Low Bit
IRQ1ENL
00
64
FC6
Interrupt Request 2
IRQ2
00
61
FC7
IRQ2 Enable High Bit
IRQ2ENH
00
65
FC8
IRQ2 Enable Low Bit
IRQ2ENL
00
66
FC9–FCC
Reserved
—
XX
FCD
Interrupt Edge Select
IRQES
00
67
FCE
Shared Interrupt Select
IRQSS
00
67
FCF
Interrupt Control
IRQCTL
00
68
GPIO Port A
FD0
Port A Address
PAADDR
00
40
FD1
Port A Control
PACTL
00
42
FD2
Port A Input Data
PAIN
XX
43
FD3
Port A Output Data
PAOUT
00
43
GPIO Port B
FD4
Port B Address
PBADDR
00
40
FD5
Port B Control
PBCTL
00
42
Table 8. Register File Address Map (Continued)
Address (Hex)
Register Description
Mnemonic
Reset (Hex)
Page
No.
Note: XX=Undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com