Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 45Page - Zilog, Inc. Z8F0813 Datasheet HTML 46Page - Zilog, Inc. Z8F0813 Datasheet HTML 47Page - Zilog, Inc. Z8F0813 Datasheet HTML 48Page - Zilog, Inc. Z8F0813 Datasheet HTML 49Page - Zilog, Inc. Z8F0813 Datasheet HTML 50Page - Zilog, Inc. Z8F0813 Datasheet HTML 51Page - Zilog, Inc. Z8F0813 Datasheet HTML 52Page - Zilog, Inc. Z8F0813 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Architecture
Z8 Encore! XP® F0823 Series
Product Specification
34
Architecture
Figure 7 displays a simplified block diagram of a GPIO port pin. In this figure, the ability
to accommodate alternate functions and variable port current drive strength is not dis-
played.
GPIO Alternate Functions
Many of the GPIO port pins are used for general-purpose I/O and access to on-chip
peripheral functions such as the timers and serial communication devices. The port A–D
Alternate Function subregisters configure these pins for either GPIO or alternate function
operation. When a pin is configured for alternate function, control of the port pin direction
(input/output) is passed from the Port A–D Data Direction registers to the alternate func-
tion assigned to this pin. Tables 16 and 17 list the alternate functions possible with each
port pin for 8-pin and non-8-pin parts, respectively. The alternate function associated at a
pin is defined through Alternate Function Sets subregisters AFS1 and AFS2.
The crystal oscillator functionality is not controlled by the GPIO block. When the crystal
oscillator is enabled in the oscillator control block, the GPIO functionality of PA0 and PA1
is overridden. In that case, those pins function as input and output for the crystal oscillator.
Figure 7. GPIO Port Pin Block Diagram
D
Q
DQ
D
Q
GND
VDD
Port Output Control
Port Data Direction
Port Output
Data Register
Port Input
Data Register
Port
Pin
DATA
Bus
System
Clock
System
Clock
Schmitt-Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com