Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 35Page - Zilog, Inc. Z8F0813 Datasheet HTML 36Page - Zilog, Inc. Z8F0813 Datasheet HTML 37Page - Zilog, Inc. Z8F0813 Datasheet HTML 38Page - Zilog, Inc. Z8F0813 Datasheet HTML 39Page - Zilog, Inc. Z8F0813 Datasheet HTML 40Page - Zilog, Inc. Z8F0813 Datasheet HTML 41Page - Zilog, Inc. Z8F0813 Datasheet HTML 42Page - Zilog, Inc. Z8F0813 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
Reset Sources
Z8 Encore! XP® F0823 Series
Product Specification
24
Voltage Brown-Out Reset
The devices in the Z8 Encore! XP F0823 Series provide low VBO protection. The VBO
circuit senses when the supply voltage drops to an unsafe level (below the VBO threshold
voltage) and forces the device into the Reset state. While the supply voltage remains
below the POR voltage threshold (VPOR), the VBO block holds the device in the Reset.
After the supply voltage again exceeds the Power-On Reset voltage threshold, the device
progresses through a full System Reset sequence, as described in the Power-On Reset sec-
tion on page 23. Following POR, the POR status bit in the Reset Status (RSTSTAT) Regis-
ter is set to 1. Figure 6 displays Voltage Brown-Out operation. For the VBO and POR
threshold voltages (VVBO and VPOR), see the Electrical Characteristics chapter on
page 196.
The VBO circuit can be either enabled or disabled during STOP Mode. Operation during
STOP Mode is set by the VBO_AO Flash Option bit. For information about configuring
VBO_AO, see the Flash Option Bits chapter on page 146.
Figure 5. Power-On Reset Operation
VCC = 0.0V
VCC = 3.3 V
VPOR
VVBO
Internal Precision
Internal RESET
signal
Program
Execution
POR
counter delay
Oscillator
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com