Electronic Components Datasheet Search
  English  ▼

X  

Z8F0813 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z8F0813
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0813 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z8F0813 Datasheet HTML 42Page - Zilog, Inc. Z8F0813 Datasheet HTML 43Page - Zilog, Inc. Z8F0813 Datasheet HTML 44Page - Zilog, Inc. Z8F0813 Datasheet HTML 45Page - Zilog, Inc. Z8F0813 Datasheet HTML 46Page - Zilog, Inc. Z8F0813 Datasheet HTML 47Page - Zilog, Inc. Z8F0813 Datasheet HTML 48Page - Zilog, Inc. Z8F0813 Datasheet HTML 49Page - Zilog, Inc. Z8F0813 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
HALT Mode
Z8 Encore! XP® F0823 Series
Product Specification
31
HALT Mode
Executing the eZ8 CPU’s HALT instruction places the device into HALT Mode, which
powers down the CPU but leaves all other peripherals active. In HALT Mode, the operat-
ing characteristics are:
•
Primary oscillator is enabled and continues to operate
•
System clock is enabled and continues to operate
•
eZ8 CPU is stopped
•
Program counter stops incrementing
•
Watchdog Timer’s internal RC oscillator continues to operate
•
If enabled, the Watchdog Timer continues to operate
•
All other on-chip peripherals continue to operate
The eZ8 CPU can be brought out of HALT Mode by any of the following operations:
•
Interrupt
•
Watchdog Timer time-out (interrupt or reset)
•
Power-On Reset
•
Voltage Brown-Out reset
•
External RESET pin assertion
To minimize current in HALT Mode, all GPIO pins that are configured as inputs must be
driven to one of the supply rails (VCC or GND).
Peripheral-Level Power Control
In addition to the STOP and HALT modes, it is possible to disable each peripheral on each
of the Z8 Encore! XP F0823 Series devices. Disabling a given peripheral minimizes its
power consumption.
Power Control Register Definitions
The following sections describe the power control registers.
Power Control Register 0
Each bit of the following registers disables a peripheral block, either by gating its system
clock input or by removing power from the block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com